Electronic Components Datasheet Search
  English  ▼

X  

LC865632 Datasheet(PDF) 21 Page - Sanyo Semicon Device

Part # LC865632
Description  8-Bit Single Chip Microcontroller with One-Time Programmable PROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC865632 Datasheet(HTML) 21 Page - Sanyo Semicon Device

Back Button LC865632 Datasheet HTML 15Page - Sanyo Semicon Device LC865632 Datasheet HTML 16Page - Sanyo Semicon Device LC865632 Datasheet HTML 17Page - Sanyo Semicon Device LC865632 Datasheet HTML 18Page - Sanyo Semicon Device LC865632 Datasheet HTML 19Page - Sanyo Semicon Device LC865632 Datasheet HTML 20Page - Sanyo Semicon Device LC865632 Datasheet HTML 21Page - Sanyo Semicon Device LC865632 Datasheet HTML 22Page - Sanyo Semicon Device LC865632 Datasheet HTML 23Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
LC86P5632
No.6688-21/23
Figure 4
Reset circuit
Figure 5
Serial input / output test condition
Figure 6
Pulse input timing condition
(Note)
Fix the value of CRES, RRES that is
sure to reset until 200
µs, after Power
supply has been over inferior limit of
supply voltage.
CRES
RRES
VDD
RES
0.5VDD
VDD
1K
Ω
50pF
<AC timing point>
<Timing>
<Test load>
tCKCY
tCKL
tCKH
tICK
tCKI
tCKO
SCK0
SCK1
SI0
SI1
SO0, SO1
SB0, SB1
tPIL
tPIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com