Electronic Components Datasheet Search
  English  ▼

X  

ECH8657 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # ECH8657
Description  N-Channel Silicon MOSFET General-Purpose Switching Device Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ECH8657 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  ECH8657 Datasheet HTML 1Page - Sanyo Semicon Device ECH8657 Datasheet HTML 2Page - Sanyo Semicon Device ECH8657 Datasheet HTML 3Page - Sanyo Semicon Device ECH8657 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ECH8657
No. A1710-1/4
Features
•
4V drive
•
Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
35
V
Gate-to-Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
4.5
A
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
30
A
Allowable Power Dissipation
PD
When mounted on ceramic substrate (1200mm2×0.8mm) 1unit
1.3
W
Total Dissipation
PT
When mounted on ceramic substrate (1200mm2×0.8mm)
1.5
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7011A-001
Ordering number : ENA1710A
D2210 TKIM/42810PE TKIM TC-00002338
SANYO Semiconductors
DATA SHEET
ECH8657
N-Channel Silicon MOSFET
General-Purpose Switching Device
Applications
http://semicon.sanyo.com/en/network
Product & Package Information
• Package
: ECH8
• JEITA, JEDEC
: -
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type : TL
Marking
Electrical Connection
TL
TC
Lot No.
876
5
123
4
1 : Source1
2 : Gate1
3 : Source2
4 : Gate2
5 : Drain2
6 : Drain2
7 : Drain1
8 : Drain1
SANYO : ECH8
1
4
85
0.15
0 t o 0.02
0.65
2.9
0.3
To p View
Bo tto m View


Similar Part No. - ECH8657

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ECH8657 SANYO-ECH8657 Datasheet
418Kb / 7P
General-Purpose Switching Device Applications
logo
ON Semiconductor
ECH8657 ONSEMI-ECH8657 Datasheet
309Kb / 7P
N-Channel Power MOSFET
July, 2013
ECH8657-TL-H ONSEMI-ECH8657-TL-H Datasheet
309Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
Sanyo Semicon Device
ECH8657 SANYO-ECH8657_12 Datasheet
418Kb / 7P
General-Purpose Switching Device Applications
More results

Similar Description - ECH8657

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3421 SANYO-MCH3421 Datasheet
46Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4086LS SANYO-2SK4086LS Datasheet
56Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3459 SANYO-MCH3459 Datasheet
39Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK2628FG SANYO-2SK2628FG Datasheet
326Kb / 6P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK3830 SANYO-2SK3830_04 Datasheet
42Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3477 SANYO-MCH3477 Datasheet
58Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
SCH2409 SANYO-SCH2409 Datasheet
57Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com