Electronic Components Datasheet Search
  English  ▼

X  

LC865616 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC865616
Description  8-Bit Single Chip Microcontroller with One-Time Programmable PROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC865616 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC865616 Datasheet HTML 1Page - Sanyo Semicon Device LC865616 Datasheet HTML 2Page - Sanyo Semicon Device LC865616 Datasheet HTML 3Page - Sanyo Semicon Device LC865616 Datasheet HTML 4Page - Sanyo Semicon Device LC865616 Datasheet HTML 5Page - Sanyo Semicon Device LC865616 Datasheet HTML 6Page - Sanyo Semicon Device LC865616 Datasheet HTML 7Page - Sanyo Semicon Device LC865616 Datasheet HTML 8Page - Sanyo Semicon Device LC865616 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
LC86P5632
No.6688-2/23
(4) Operating supply voltage
: 4.5V to 6.0V
(5) Instruction cycle time
: 0.98
µs to 400µs
(6) Operating temperature
: -30
°C to +70°C
(7) The pin and the package compatible with the LC865600 series mask ROM devices
(8) Applicable mask ROM version
: LC865632/ LC865628/ LC865624/LC865620/LC865616/
LC865612/ LC865608
(9) Factory shipment
: DIP64S, QFP64E
Notice for use
LC86P5632 is provided for the first release and small shipping of the LC865600 series.
At using, take notice of the followings.
(1) A point of difference LC86P5632 and LC865600 series
Item
LC86P5632
LC865632/28/24/20/16/12/08
Port form at reset
Please refer “Port form at reset “ on next page.
Operation after reset
releasing
The option is specified until 3ms
after going to a ‘H’ level to the reset
terminal by dgrees.
The program
is
executed
from
00H
of
the
program counter.
The program is executed from 00H of
the program counter immediately after
going to a ‘H’ level to reset terminal.
Operating supply voltage
range (VDD)
4.5V to 6.0V
2.7V to 6.0V
Total output current
[
∑IOAH(1)]
[
∑IOAH(2)]
Power dissipation
[IDDOP(1)]
[IDDOP(2)]
[IDDOP(3)]
[IDDOP(4)]
Refer to ‘electrical characteristics’ on the semiconductor news.
• A kind of the option corresponding of the LC86P5632
A kind of option
Pins, Circuits
Contents of the option
Port 0
(Specified in a bit)
1. Input
: No pull-up MOS Tr.
Output : N-channel open drain
2. Input
: Pull-up MOS Tr.
Output : CMOS
Port 1,2
(Specified in a bit)
1. Input
: Programmable pull-up MOS Tr.
Output : N-channel open drain
2. Input
: Programmable pull-up MOS Tr.
Output : CMOS
Input/output form of
Input/output ports
Port 3,4,5
(Specified in a bit)
1. Input
: No Programmable pull-up MOS
Tr.
Output : N-channel open drain
2. Input
: Programmable pull-up MOS Tr.
Output : CMOS
Pull-up MOS Tr. Of port7
port7
(Specified in a bit)
1. Pull-up MOS Tr. not provided
2. Pull-up MOS Tr. provided
* P74 has on pull-up resistor option.
The port operation related the option is different at reset. Refer to the next table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com