Electronic Components Datasheet Search
  English  ▼

X  

LC866532 Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LC866532
Description  8-Bit Single Chip Microcontroller with One-Time Programmable PROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866532 Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LC866532 Datasheet HTML 9Page - Sanyo Semicon Device LC866532 Datasheet HTML 10Page - Sanyo Semicon Device LC866532 Datasheet HTML 11Page - Sanyo Semicon Device LC866532 Datasheet HTML 12Page - Sanyo Semicon Device LC866532 Datasheet HTML 13Page - Sanyo Semicon Device LC866532 Datasheet HTML 14Page - Sanyo Semicon Device LC866532 Datasheet HTML 15Page - Sanyo Semicon Device LC866532 Datasheet HTML 16Page - Sanyo Semicon Device LC866532 Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LC86P6548
No.6690-13/22
3. Electrical Characteristics at Ta=-30
°C to +70°C, VSS1=VSS2=0V
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
IIH(1)
Ports 0,3 at open
drain output
•Output disable
•VIN=13.5V
(including off-leakage
current of the output Tr.)
4.5 to 6.0
5
Input high
current
IIH(2)
•Ports 1,3
•Port 0 without
pull-up MOS Tr.
•Output disable
•Pull-up MOS Tr. OFF.
•VIN=VDD
(including off-leakage
current of the output Tr.)
4.5 to 6.0
1
IIH(3)
•Ports 70,71,72,73
•Port 8
•Output disable
•VIN=VDD
(including off-leakage
current of the output Tr.)
4.5 to 6.0
1
IIH(4)
RES
VIN=VDD
4.5 to 6.0
1
IIH(5)
Ports 74 ,75
VIN=VDD
4.5 to 6.0
1
IIH(6)
•S32 to S51 without
pull-down resistor
•Output P-channel Tr. OFF.
•VIN=VDD
4.5 to 6.0
1
IIL(1)
•Ports 1,3
•Port 0 without
pull-up MOS Tr.
•Output disable
•Pull-up MOS Tr. OFF.
•VIN=VSS
(including off-leakage
current of the output Tr.)
4.5 to 6.0
-1
IIL(2)
•Ports 70,71,72,73
•Port 8
•Output disable
•VIN=VSS
(including off-leakage
current of the output Tr.)
4.5 to 6.0
-1
IIL(3)
RES
VIN=VSS
4.5 to 6.0
-1
Input low
current
IIL(4)
Ports 74 ,75
VIN=VSS
4.5 to 6.0
-1
µA
VOH(1)
IOH=-1.0mA
4.5 to 6.0
VDD-1
VOH(2)
Ports 0,1,3 of
CMOS output
IOH=-0.1mA
4.5 to 6.0
VDD-0.5
VOH(3)
IOH=-20mA
4.5 to 6.0
VDD-1.8
VOH(4)
S0/T0 to S15/T15
•IOH=-1.0mA
•The current of any
unmeasurement pin is not
over 1mA.
4.5 to 6.0
VDD-1
VOH(5)
IOH=-5mA
4.5 to 6.0
VDD-1.8
Output high
voltage
VOH(6)
S16 to S51
•IOH=-1.0mA
•The current of any
unmeasurement pins is not
over 1mA.
4.5 to 6.0
VDD-1
VOL(1)
IOL=10mA
4.5 to 6.0
1.5
VOL(2)
Ports 0,1,3
IOL=1.6mA
4.5 to 6.0
0.4
VOL(3) Port 70
IOL=1mA
4.5 to 6.0
0.4
Output low
voltage
VOL(4) •Ports 71,72,73
•Ports 84,85,86,87
IOL=1.6mA
4.5 to 6.0
0.4
V
Pull-up MOS
Tr. resistor
Rpu
Ports 0,1,3
VOH=0.9VDD
4.5 to 6.0
15
40
70
K
Ω
Continue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com