Electronic Components Datasheet Search
  English  ▼

X  

MCP3304T Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP3304T
Description  13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3304T Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP3304T Datasheet HTML 13Page - Microchip Technology MCP3304T Datasheet HTML 14Page - Microchip Technology MCP3304T Datasheet HTML 15Page - Microchip Technology MCP3304T Datasheet HTML 16Page - Microchip Technology MCP3304T Datasheet HTML 17Page - Microchip Technology MCP3304T Datasheet HTML 18Page - Microchip Technology MCP3304T Datasheet HTML 19Page - Microchip Technology MCP3304T Datasheet HTML 20Page - Microchip Technology MCP3304T Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
 2011 Microchip Technology Inc.
DS21697F-page 17
MCP3302/04
5.0
APPLICATIONS INFORMATION
5.1
Conversion Description
The MCP3302/04 A/D converter employ a conven-
tional SAR architecture. With this architecture, the
potential between the IN+ and IN- inputs are
simultaneously sampled and stored with the internal
sample circuits for 1.5 clock cycles (tACQ). Following
this sampling time, the input hold switches of the con-
verter open and the device uses the collected charge to
produce a serial 13-bit binary two’s complement output
code. This conversion process is driven by the external
clock and must include 13 clock cycles, one for each
bit. During this process, the most significant bit (MSB)
is output first. This bit is the sign bit and indicates
whether the IN+ input or the IN- input is at a higher
potential.
FIGURE 5-1:
Simplified Block Diagram.
5.2
Driving the Analog Input
The analog input of the MCP3302/04 is easily driven,
either differentially or single ended. Any signal that is
common to the two input channels will be rejected by
the common mode rejection of the device. During the
charging time of the sample capacitor, a small charging
current will be required. For low-source impedances,
this input can be driven directly. For larger source
impedances, a larger acquisition time will be required,
due to the RC time constant that includes the source
impedance. For the A/D Converter to meet specifica-
tion, the charge holding capacitor (CSAMPLE) must be
given enough time to acquire a 13-bit accurate voltage
level during the 1.5 clock cycle acquisition period.
An analog input model is shown in Figure 5-3. This
model is accurate for an analog input, regardless of
whether it is configured as a single-ended input, or the
IN+ and IN- input in differential mode. In this diagram,
it is shown that the source impedance (RS) adds to the
internal sampling switch (RSS) impedance, directly
affecting the time that is required to charge the capaci-
tor (CSAMPLE). Consequently, a larger source imped-
ance with no additional acquisition time increases the
offset, gain, and integral linearity errors of the conver-
sion. To overcome this, a slower clock speed can be
used to allow for the longer charging time. Figure 5-2
shows the maximum clock speed associated with
source impedances.
FIGURE 5-2:
Maximum Clock Frequency
vs. Source Resistance (RS) to maintain ±1 LSB
INL.
Comp
13-Bit SAR
CDAC
IN+
IN-
Shift
Register
CSAMP
Hold
+
-
Hold
CSAMP
DOUT
0.0
0.5
1.0
1.5
2.0
2.5
100
1000
10000
100000
Source Resistance (ohms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com