Electronic Components Datasheet Search
  English  ▼

X  

MCP6H01 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP6H01
Description  1.2 MHz, 16V Op Amps Input Offset Voltage: 짹0.7 mV (typical)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6H01 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP6H01 Datasheet HTML 6Page - Microchip Technology MCP6H01 Datasheet HTML 7Page - Microchip Technology MCP6H01 Datasheet HTML 8Page - Microchip Technology MCP6H01 Datasheet HTML 9Page - Microchip Technology MCP6H01 Datasheet HTML 10Page - Microchip Technology MCP6H01 Datasheet HTML 11Page - Microchip Technology MCP6H01 Datasheet HTML 12Page - Microchip Technology MCP6H01 Datasheet HTML 13Page - Microchip Technology MCP6H01 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
MCP6H01/2/4
DS22243C-page 10
© 2011 Microchip Technology Inc.
Note: Unless otherwise indicated, T
A =+25°C, VDD = +3.5V to +16V, VSS = GND, VCM =VDD/2 - 1.4V, VOUT ≈ VDD/2,
VL =VDD/2, RL =10kΩ to VL and CL =60 pF.
FIGURE 2-19:
Channel-to-Channel
Separation vs. Frequency (MCP6H02 only).
FIGURE 2-20:
Gain Bandwidth Product,
Phase Margin vs. Ambient Temperature.
FIGURE 2-21:
Gain Bandwidth Product,
Phase Margin vs. Ambient Temperature.
FIGURE 2-22:
Output Short Circuit Current
vs. Power Supply Voltage.
FIGURE 2-23:
Output Voltage Swing vs.
Frequency.
FIGURE 2-24:
Output Voltage Headroom
vs. Output Current.
40
60
80
100
120
140
160
100
1000
10000
100000
Frequency (Hz)
100
1k
10k
100k
Input Referred
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100 125
Ambient Temperature (°C)
0
20
40
60
80
100
120
140
160
180
Gain Bandwidth Product
Phase Margin
VDD = 3.5V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100 125
Ambient Temperature (°C)
0
20
40
60
80
100
120
140
160
180
Gain Bandwidth Product
Phase Margin
VDD = 15V
0
10
20
30
40
50
60
70
0
2
4
6
8
10
12
14
16
Power Supply Voltage (V)
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
0.1
1
10
100
100
1000
10000
100000
1000000
Frequency (Hz)
VDD = 3.5V
VDD = 5V
100
1k
10k
100k
1M
VDD = 15V
1
10
100
1000
10000
0.01
0.1
1
10
100
Output Current (mA)
VDD - VOH
VOL - VSS
VDD = 15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com