Electronic Components Datasheet Search
  English  ▼

X  

MCP6441T Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP6441T
Description  450 nA, 9 kHz Op Amp No Phase Reversal Analog Active Filters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6441T Datasheet(HTML) 5 Page - Microchip Technology

  MCP6441T Datasheet HTML 1Page - Microchip Technology MCP6441T Datasheet HTML 2Page - Microchip Technology MCP6441T Datasheet HTML 3Page - Microchip Technology MCP6441T Datasheet HTML 4Page - Microchip Technology MCP6441T Datasheet HTML 5Page - Microchip Technology MCP6441T Datasheet HTML 6Page - Microchip Technology MCP6441T Datasheet HTML 7Page - Microchip Technology MCP6441T Datasheet HTML 8Page - Microchip Technology MCP6441T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
© 2011 Microchip Technology Inc.
DS22257B-page 5
MCP6441/2/4
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, T
A = +25°C, VDD = +1.4V to +6.0V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL = 1 MΩ to VL and CL = 60 pF.
FIGURE 2-1:
Input Offset Voltage.
FIGURE 2-2:
Input Offset Voltage Drift.
FIGURE 2-3:
Input Offset Voltage vs.
Common Mode Input Voltage with VDD = 6.0V.
FIGURE 2-4:
Input Offset Voltage vs.
Common Mode Input Voltage with VDD = 1.4V.
FIGURE 2-5:
Input Offset Voltage vs.
Output Voltage.
FIGURE 2-6:
Input Offset Voltage vs.
Power Supply Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0%
5%
10%
15%
20%
25%
30%
35%
Input Offset Voltage (mV)
1700 Samples
VCM = VSS
0%
5%
10%
15%
20%
25%
30%
Input Offset Voltage Drift (µV/°C)
1700 Samples
VCM = VSS
TA = -40°C to +125°C
-500
0
500
1000
1500
2000
2500
3000
Common Mode Input Voltage (V)
VDD = 6.0V
Representative Part
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
-500
0
500
1000
1500
2000
2500
3000
3500
4000
Common mode input voltage (V)
VDD = 1.4V
Representative Part
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
Output Voltage (V)
VDD = 6.0V
VDD = 1.4V
Representative Part
-2000
-1600
-1200
-800
-400
0
400
800
1200
1600
2000
Power Supply Voltage (V)
Representative Part
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com