Electronic Components Datasheet Search
  English  ▼

X  

MCP14E10 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP14E10
Description  3.0A Dual High-Speed Power MOSFET Driver With Enable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14E10 Datasheet(HTML) 2 Page - Microchip Technology

  MCP14E10 Datasheet HTML 1Page - Microchip Technology MCP14E10 Datasheet HTML 2Page - Microchip Technology MCP14E10 Datasheet HTML 3Page - Microchip Technology MCP14E10 Datasheet HTML 4Page - Microchip Technology MCP14E10 Datasheet HTML 5Page - Microchip Technology MCP14E10 Datasheet HTML 6Page - Microchip Technology MCP14E10 Datasheet HTML 7Page - Microchip Technology MCP14E10 Datasheet HTML 8Page - Microchip Technology MCP14E10 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
MCP14E9/10/11
DS25005A-page 2
© 2011 Microchip Technology Inc.
Package Types
Functional Block Diagram(1)
ENB_A
GND
IN A
IN B
VDD
OUT B
OUT A
ENB_B
VDD
OUT B
OUT A
ENB_B
VDD
OUT B
OUT A
ENB_B
6x5 DFN*
1
2
3
4
8
7
6
5
* Includes Exposed Thermal Pad (EP); see Table 3-1.
EP
9
1
2
3
45
6
7
8
ENB_A
GND
IN A
VDD
OUT B
IN B
OUT A
ENB_B
VDD
OUT B
OUT A
ENB_B
VDD
OUT B
OUT A
ENB_B
PDIP, SOIC
MCP14E9
MCP14E11
MCP14E10
MCP14E9
MCP14E11
MCP14E10
Effective
Input C = 20 pF
(Each Input)
Output
Input
GND
VDD
4.7V
Inverting
Non-Inverting
Note 1:
Unused inputs should be grounded.
Enable
VDD
Internal
Pull-up
4.7V
MCP14E9
Dual Inverting
MCP14E10 Dual Non-Inverting
MCP14E11 One Inverting, One Non-Inverting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com