Electronic Components Datasheet Search
  English  ▼

X  

LTM4601 Datasheet(PDF) 16 Page - Linear Technology

Part # LTM4601
Description  10A High Effi ciency DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM4601 Datasheet HTML 12Page - Linear Technology LTM4601 Datasheet HTML 13Page - Linear Technology LTM4601 Datasheet HTML 14Page - Linear Technology LTM4601 Datasheet HTML 15Page - Linear Technology LTM4601 Datasheet HTML 16Page - Linear Technology LTM4601 Datasheet HTML 17Page - Linear Technology LTM4601 Datasheet HTML 18Page - Linear Technology LTM4601 Datasheet HTML 19Page - Linear Technology LTM4601 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTM4600
16
4600fc
LTM4600 Frequency Adjustment
The LTM4600 is designed to typically operate at 850kHz
across most input and output conditions. The control ar-
chitecture is constant on time valley mode current control.
The fADJ pin is typically left open or decoupled with an
optional 1000pF capacitor. The switching frequency has
been optimized to maintain constant output ripple over the
operating conditions. The equations for setting the operat-
ing frequency are set around a programmable constant on
time. This on time is developed by a programmable current
into an on board 10pF capacitor that establishes a ramp
that is compared to a voltage threshold equal to the output
voltage up to a 2.4V clamp. This ION current is equal to:
ION = (VIN – 0.7V)/110k, with the 110k onboard resistor
from VIN to fADJ. The on time is equal to tON = (VOUT/ION)
• 10pF and tOFF = ts – tON. The frequency is equal to: Freq.
= DC/tON. The ION current is proportional to VIN, and the
regulator duty cycle is inversely proportional to VIN, there-
fore the step-down regulator will remain relatively constant
frequency as the duty cycle adjustment takes place with
lowering VIN. The on time is proportional to VOUT up to a
2.4V clamp. This will hold frequency relatively constant
with different output voltages up to 2.4V. The regulator
switching period is comprised of the on time and off time
as depicted in Figure 17.
Layout Checklist/Example
The high integration of the LTM4600 makes the PCB board
layout very simple and easy. However, to optimize its electri-
cal and thermal performance, some layout considerations
are still necessary.
• Use large PCB copper areas for high current path, in-
cluding VIN, PGND and VOUT. It helps to minimize the
PCB conduction loss and thermal stress
• Place high frequency ceramic input and output capaci-
tors next to the VIN, PGND and VOUT pins to minimize
high frequency noise
• Place a dedicated power ground layer underneath
the unit
• To minimize the via conduction loss and reduce module
thermal stress, use multiple vias for interconnection
between top layer and other power layers
• Do not put a via directly on pad unless it is capped
• Use a separated SGND ground copper area for com-
ponents connected to signal pins. Connect the SGND
to PGND underneath the unit
Figure 16 gives a good example of the recommended
layout.
Figure 16. Recommended PCB Layout
VIN
PGND
TOP LAYER
VOUT
4600 F16
LOAD
CIN
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com