Electronic Components Datasheet Search
  English  ▼

X  

MCP6V27 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP6V27
Description  620 關A, 2 MHz Auto-Zeroed Op Amps
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V27 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP6V27 Datasheet HTML 15Page - Microchip Technology MCP6V27 Datasheet HTML 16Page - Microchip Technology MCP6V27 Datasheet HTML 17Page - Microchip Technology MCP6V27 Datasheet HTML 18Page - Microchip Technology MCP6V27 Datasheet HTML 19Page - Microchip Technology MCP6V27 Datasheet HTML 20Page - Microchip Technology MCP6V27 Datasheet HTML 21Page - Microchip Technology MCP6V27 Datasheet HTML 22Page - Microchip Technology MCP6V27 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
© 2011 Microchip Technology Inc.
DS25007A-page 19
MCP6V27
4.0
APPLICATIONS
The MCP6V27 auto-zeroed op amp is manufactured
using Microchip’s state of the art CMOS process. It is
designed for low cost, low power and high precision
applications. Its low supply voltage, low quiescent cur-
rent and wide bandwidth makes the MCP6V27 device
ideal for battery-powered applications.
4.1
Overview of Auto-Zeroing
Operation
Figure 4-1 shows a simplified diagram of the MCP6V27
auto-zeroed op amp. This will be used to explain how
the DC voltage errors are reduced in this architecture.
FIGURE 4-1:
Simplified Auto-Zeroed Op Amp Functional Diagram.
4.1.1
BUILDING BLOCKS
The Null Amplifier and Main Amplifier are designed for
high gain and accuracy using a differential topology.
They have a main input pair (+ and - pins at their top
left) used for the signal. They have an auxiliary input
pair (+ and - pins at their bottom left) used for correcting
the offset voltages. Both input pairs are added together
internally. The capacitors at the auxiliary inputs (CFW
and CH) hold the corrected values during normal
operation.
The Output Buffer is designed to drive external loads at
the VOUT pin. It also produces a single ended output
voltage (VREF is an internal reference voltage).
All of these switches are make-before-break in order to
minimize glitch-induced errors. They are driven by two
clock phases (
φ1 and φ2) that select between normal
mode and auto-zeroing mode.
The clock is derived from an internal R-C oscillator
running at a rate of fOSC1 = 850 kHz. The oscillator’s
output is divided down to the desired rate.
The internal POR ensures the part starts up in a known
good state. It also provides protection against power
supply brown-out events.
The Digital Control circuitry takes care of all of the
housekeeping details of the switching operation. It also
takes care of POR events.
VIN+
VIN–
Main
Output
VOUT
VREF
Amp.
Buffer
NC
Null
Amp.
Null
Input
φ1
Switches
Null
Correct
φ2
Switches
Null
Output
Switches
CH
CFW
POR
Digital
Control
Oscillator
φ1
φ2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com