Electronic Components Datasheet Search
  English  ▼

X  

LTM4602 Datasheet(PDF) 18 Page - Linear Technology

Part # LTM4602
Description  10A High Effi ciency DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4602 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTM4602 Datasheet HTML 14Page - Linear Technology LTM4602 Datasheet HTML 15Page - Linear Technology LTM4602 Datasheet HTML 16Page - Linear Technology LTM4602 Datasheet HTML 17Page - Linear Technology LTM4602 Datasheet HTML 18Page - Linear Technology LTM4602 Datasheet HTML 19Page - Linear Technology LTM4602 Datasheet HTML 20Page - Linear Technology LTM4602 Datasheet HTML 21Page - Linear Technology LTM4602 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTM4600
18
4600fc
VIN (V)
4600 F20
13579
11
13
15
17
3.3V: fADJ = 30.1k
5V: fADJ = 15k
5V AT 8A
3.3V AT 8A
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
VIN to VOUT Step-Down Ratio for
12VIN to 5VOUT and 5VIN to 3.3VOUT
4600 F18
R2
22.1k
1%
R1
30.1k
EXTVCC
RUN/SS
COMP
FCB
VOUT
5V TO 3.3V AT 8A WITH fADJ = 30.1k
C1, C3: TDK C3216X5R1E106MT
C2: TAIYO YUDEN, JMK316BJ226ML
C4: SANYO POS CAP, 6TPE330MIL
PGOOD
VOSET
SVIN
PGND
SGND
4.5V TO 7V
3.3V AT 8A
C1
10μF
25V
C3
10μF
25V
C4
330μF
6.3V
C2
22μF
C5
100pF
VIN
LTM4600
fADJ
RUN/SOFT-START
OPEN DRAIN
EFFICIENCY = 93%
+
5V to 3.3V at 8A
4600 F19
R2
13.7k
1%
R1
15k
EXTVCC
RUN/SS
COMP
FCB
VOUT
12V TO 5V AT 8A WITH fADJ = 15k
C1, C3: TDK C3216X5R1E106MT
C2: TAIYO YUDEN, JMK316BJ226ML
C4: SANYO POSCAP, 6TPE330MIL
PGOOD
VOSET
SVIN
PGND
SGND
9V TO 16V
5V AT 8A
EFFICIENCY = 94%
C1
10μF
25V
C3
10μF
25V
C4
330μF
6.3V
C2
22μF
C5
100pF
VIN
LTM4600
fADJ
RUN/SOFT-START
OPEN DRAIN
+
12V to 5V at 8A
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com