Electronic Components Datasheet Search
  English  ▼

X  

LC8901 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC8901
Description  Digital Audio Interface Receiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC8901 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC8901 Datasheet HTML 1Page - Sanyo Semicon Device LC8901 Datasheet HTML 2Page - Sanyo Semicon Device LC8901 Datasheet HTML 3Page - Sanyo Semicon Device LC8901 Datasheet HTML 4Page - Sanyo Semicon Device LC8901 Datasheet HTML 5Page - Sanyo Semicon Device LC8901 Datasheet HTML 6Page - Sanyo Semicon Device LC8901 Datasheet HTML 7Page - Sanyo Semicon Device LC8901 Datasheet HTML 8Page - Sanyo Semicon Device LC8901 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Pin Functions
LC8901 (DIP42S)
Note: The DIP42S package version has one fewer each of the digital system power supply and digital system ground pins than the QIP44M package version.
No. 4079-4/15
LC8901, 8901Q
Pin No.
Symbol
I/O
Pin function and circuit operation
1
DIN1
I
2
DIN2
I
Data input pins with built-in amplifiers
3
DIN3
I
4
DIN4
I
5
DGND
—
Digital system ground
6
DIN5
I
Data input pins without built-in amplifiers
7
DIN6
I
8
DOUT1
O
Input data through output
9
DOUT2
O
10
RC1
I
RC oscillator connection
11
RC2
O
12
LPF
I
High: LPF time constant switching mode, low: fixed mode. This pin is normally high.
13
STOP
I
High: VCO operation stopped, low: normal operation
14
TEST1
I
Test pins (These pins are normally low.)
15
TEST2
I
16
AVDD
—
Analog system power supply
17
R
I
VCO oscillator band adjustment
18
AGND
—
Analog system ground
19
VIN
I
VCO free-running oscillator setup
20
VCO
O
PLL low-pass filter
21
DGND
—
Digital system ground
22
CLK
I
Clock mode switching. High: 512fs, low: 384fs
23
XSYS
I
Crystal mode setting. High: crystal mode
24
XIN1
I
Crystal oscillator connection
25
XIN2
O
26
DVDD
—
Digital system power supply
27
LOCK
O
High: PLL locked, low: unlocked
28
ERROR
O
Error mute signal output
29
FS256
O
256fs clock output
30
CLKOUT
O
VCO oscillator and crystal oscillator clock output
31
EMPHA
O
High: emphasis present, low: no emphasis
32
BCLK
O
Bit clock output
33
DATAOUT
O
Audio data output
34
LRCK
O
Left/right clock output. High: left channel, low: right channel
35
SUB1
O
Sampling frequency output
36
SUB2
O
37
DO
O
Microprocessor interface output
38
DI
I
Microprocessor interface input
39
CE
I
Microprocessor interface chip enable input
40
CL
I
Microprocessor interface clock input
41
XMODE
I
Used to start system operation after power on.
42
DVDD
—
Digital system power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com