Electronic Components Datasheet Search
  English  ▼

X  

STL9N3LLH5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL9N3LLH5
Description  N-channel 30 V, 0.015 Ω, 9 A, PowerFLAT??(3.3x3.3) STripFET™V Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL9N3LLH5 Datasheet(HTML) 1 Page - STMicroelectronics

  STL9N3LLH5 Datasheet HTML 1Page - STMicroelectronics STL9N3LLH5 Datasheet HTML 2Page - STMicroelectronics STL9N3LLH5 Datasheet HTML 3Page - STMicroelectronics STL9N3LLH5 Datasheet HTML 4Page - STMicroelectronics STL9N3LLH5 Datasheet HTML 5Page - STMicroelectronics STL9N3LLH5 Datasheet HTML 6Page - STMicroelectronics STL9N3LLH5 Datasheet HTML 7Page - STMicroelectronics STL9N3LLH5 Datasheet HTML 8Page - STMicroelectronics STL9N3LLH5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
July 2009
Doc ID 16012 Rev 1
1/12
12
STL9N3LLH5
N-channel 30 V, 0.015
Ω, 9 A, PowerFLAT™ (3.3x3.3)
STripFET™ V Power MOSFET
Features
■ RDS(on) * Qg industry benchmark
■ Extremely low on-resistance RDS(on)
■ Very low switching gate charge
■ High avalanche ruggedness
■ Low gate drive power losses
Applications
■ Switching applications
Description
This product utilizes the 5th generation of design
rules of ST’s proprietary STripFET™ technology.
The lowest available RDS(on)*Qg, in this chip scale
package, makes this device suitable for the most
demanding DC-DC converter applications, where
high power density is to be achieved.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
STL9N3LLH5
30 V
< 0.019
Ω
9 A (1)
1.
The value is rated according Rthj-pcb
PowerFLAT™(3.3x3.3)
(Chip scale package)
Table 1.
Device summary
Order code
Marking
Package
Packaging
STL9N3LLH5
9N3L
PowerFLAT™ (3.3x3.3)
Tape and reel
www.st.com


Similar Part No. - STL9N3LLH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL9N60M2 STMICROELECTRONICS-STL9N60M2 Datasheet
1Mb / 16P
N-channel 600 V, 0.76 Ω typ., 4.8 A MDmesh II Plus™ low Qg Power MOSFET in a PowerFLAT™ 5x6 HV package
17-Mar-2014
STL9NK30Z STMICROELECTRONICS-STL9NK30Z Datasheet
225Kb / 8P
N-CHANNEL 300V - 0.36ohm - 9A PowerFLAT™ Zener-Protected SuperMESH™ Power MOSFET
Aug-2002
More results

Similar Description - STL9N3LLH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL17N3LLH6 STMICROELECTRONICS-STL17N3LLH6 Datasheet
928Kb / 13P
N-channel 30 V, 0.0038 廓, 17 A PowerFLAT??3.3x3.3) STripFET??VI DeepGATE??Power MOSFET
10-Nov-2010
CD00297243 STMICROELECTRONICS-CD00297243 Datasheet
882Kb / 14P
Dual N-channel 30 V, 0.016 Ω typ., 11 A STripFET™ V Power MOSFET in a PowerFLAT™ 5x6 double island
14-Dec-2012
STL10N3LLH5 STMICROELECTRONICS-STL10N3LLH5 Datasheet
705Kb / 14P
N-channel 30 V, 0.015, 9 A, PowerFLAT 3.3x3.3 STripFET V Power MOSFET
09-Aug-2011
STL51N3LLH5 STMICROELECTRONICS-STL51N3LLH5 Datasheet
823Kb / 13P
N-channel 30 V, 0.0105, 51 A, PowerFLAT 5x6 STripFET V Power MOSFET
28-Jul-2011
STL9P2UH7 STMICROELECTRONICS-STL9P2UH7 Datasheet
513Kb / 14P
P-channel 20 V, 0.0195 Ω typ., 9 A STripFET™ H7 Power MOSFET in a PowerFLAT™ 3.3x3.3 package
21-Oct-2014
STL9P3LLH6 STMICROELECTRONICS-STL9P3LLH6 Datasheet
628Kb / 14P
P-channel -30 V, 12 mΩ typ., -9 A STripFET™ H6 Power MOSFET in a PowerFLAT™ 3.3x3.3 package
07-Mar-2016
STL60N3LLH5 STMICROELECTRONICS-STL60N3LLH5 Datasheet
587Kb / 12P
N-channel 30 V, 0.0063 Ω, 17 A PowerFLAT™(5x6) STripFET™ V Power MOSFET
March 2010 Rev 1
STL100N3LLH6 STMICROELECTRONICS-STL100N3LLH6 Datasheet
564Kb / 10P
N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6)STripFET™ VI DeepGATE™ Power MOSFET
16-Feb-2010
STI70N10F4 STMICROELECTRONICS-STI70N10F4 Datasheet
723Kb / 12P
N-channel 100 V, 0.015 Ω, 60 A, STripFET™ DeepGATE™ Power MOSFET in I2PAK
23-Sep-2009
STL100N3LLH7 STMICROELECTRONICS-STL100N3LLH7 Datasheet
525Kb / 9P
N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6) STripFET™ VII DeepGATE™ Power MOSFET
22-Jun-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com