Electronic Components Datasheet Search
  English  ▼

X  

STL150N3LLH6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL150N3LLH6
Description  N-channel 30 V, 0.0016 Ω, 33 A PowerFLAT??(6x5) STripFET™VI DeepGATE??Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL150N3LLH6 Datasheet(HTML) 1 Page - STMicroelectronics

  STL150N3LLH6 Datasheet HTML 1Page - STMicroelectronics STL150N3LLH6 Datasheet HTML 2Page - STMicroelectronics STL150N3LLH6 Datasheet HTML 3Page - STMicroelectronics STL150N3LLH6 Datasheet HTML 4Page - STMicroelectronics STL150N3LLH6 Datasheet HTML 5Page - STMicroelectronics STL150N3LLH6 Datasheet HTML 6Page - STMicroelectronics STL150N3LLH6 Datasheet HTML 7Page - STMicroelectronics STL150N3LLH6 Datasheet HTML 8Page - STMicroelectronics STL150N3LLH6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
September 2009
Doc ID 15345 Rev 2
1/12
12
STL150N3LLH6
N-channel 30 V, 0.0016
Ω, 33 A PowerFLAT™ (6x5)
STripFET™ VI DeepGATE™ Power MOSFET
Features
■ RDS(on) * Qg industry benchmark
■ Extremely low on-resistance RDS(on)
■ High avalanche ruggedness
■ Low gate drive power losses
■ Very low switching gate charge
Application
■ Switching applications
Description
This product utilizes the 6th generation of design
rules of ST’s proprietary STripFET™ technology,
with a new gate structure.The resulting Power
MOSFET exhibits the lowest RDS(on) in all
packages.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
STL150N3LLH6
30 V
0.0024
Ω
33 A (1)
1.
The value is rated according Rthj-pcb
PowerFLAT™ ( 6x5 )
Table 1.
Device summary
Order code
Marking
Package
Packaging
STL150N3LLH6
150N3LLH6
PowerFLAT™ (6x5)
Tape and reel
www.st.com


Similar Part No. - STL150N3LLH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL150N3LLH5 STMICROELECTRONICS-STL150N3LLH5 Datasheet
502Kb / 12P
N-channel 30 V - 0.0014 Ω - 35 A - PowerFLAT??(6x5) STripFET™V Power MOSFET
01-Apr-2008
STL150N3LLH5 STMICROELECTRONICS-STL150N3LLH5 Datasheet
513Kb / 12P
N-channel 30 V, 0.0014 Ω, 35 A - PowerFLAT??(6x5) STripFET™V Power MOSFET
23-Sep-2008
STL150N3LLH5 STMICROELECTRONICS-STL150N3LLH5_08 Datasheet
513Kb / 12P
N-channel 30 V, 0.0014 Ω, 35 A - PowerFLAT??(6x5) STripFET™V Power MOSFET
23-Sep-2008
STL150N3LLH5 STMICROELECTRONICS-STL150N3LLH5_09 Datasheet
528Kb / 12P
N-channel 30 V, 0.0014 Ω, 35 A, PowerFLAT??(6x5) STripFET™V Power MOSFET
12-Jun-2009
More results

Similar Description - STL150N3LLH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL65N3LLH5 STMICROELECTRONICS-STL65N3LLH5 Datasheet
496Kb / 12P
N-channel 30 V, 0.0048 Ω, 19 A - PowerFLAT??(6x5) STripFET™V Power MOSFET
23-Sep-2008
STL150N3LLH5 STMICROELECTRONICS-STL150N3LLH5_08 Datasheet
513Kb / 12P
N-channel 30 V, 0.0014 Ω, 35 A - PowerFLAT??(6x5) STripFET™V Power MOSFET
23-Sep-2008
STL150N3LLH5 STMICROELECTRONICS-STL150N3LLH5_09 Datasheet
528Kb / 12P
N-channel 30 V, 0.0014 Ω, 35 A, PowerFLAT??(6x5) STripFET™V Power MOSFET
12-Jun-2009
STL17N3LLH6 STMICROELECTRONICS-STL17N3LLH6 Datasheet
928Kb / 13P
N-channel 30 V, 0.0038 廓, 17 A PowerFLAT??3.3x3.3) STripFET??VI DeepGATE??Power MOSFET
10-Nov-2010
STL160N3LLH6 STMICROELECTRONICS-STL160N3LLH6 Datasheet
781Kb / 16P
N-channel 30 V, 0.0011 廓, 35 A PowerFLAT??5x6 STripFET??VI DeepGATE??Power MOSFET
10-Nov-2011
STL6N3LLH6 STMICROELECTRONICS-STL6N3LLH6 Datasheet
1Mb / 14P
N-channel 30 V, 0.021 typ., 6 A STripFET VI DeepGATE Power MOSFET in a PowerFLAT
11-Oct-2012
STL80N3LLH6 STMICROELECTRONICS-STL80N3LLH6 Datasheet
874Kb / 13P
N-channel 30 V, 0.0046, 21 A PowerFLAT 5x6 STripFET VI DeepGATE Power MOSFET
02-Dec-2011
STL100N3LLH6 STMICROELECTRONICS-STL100N3LLH6 Datasheet
564Kb / 10P
N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6)STripFET™ VI DeepGATE™ Power MOSFET
16-Feb-2010
STL100N3LLH7 STMICROELECTRONICS-STL100N3LLH7 Datasheet
525Kb / 9P
N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6) STripFET™ VII DeepGATE™ Power MOSFET
22-Jun-2010
STS25N3LLH6 STMICROELECTRONICS-STS25N3LLH6 Datasheet
257Kb / 11P
N-channel 30 V, 0.0025 Ω, 22 A, SO-8 STripFET™ VI DeepGATE™ Power MOSFET
27-Jan-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com