Electronic Components Datasheet Search
  English  ▼

X  

LC89086M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC89086M
Description  8 Bit A/D Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89086M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC89086M Datasheet HTML 1Page - Sanyo Semicon Device LC89086M Datasheet HTML 2Page - Sanyo Semicon Device LC89086M Datasheet HTML 3Page - Sanyo Semicon Device LC89086M Datasheet HTML 4Page - Sanyo Semicon Device LC89086M Datasheet HTML 5Page - Sanyo Semicon Device LC89086M Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
No. 5428-2/6
LC89086M
Electrical Characteristics
Electrical DC Characteristics at Ta = –30 to +70
°C, AV
DD = DVDD = 4.5 to 5.5 V, AVSS = DVSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Reference resistance
Rref
VrefH (pin 5) – VrefL (pin 8)
210
300
390
Ω
Analog input capacitance
CAIN
30
pF
Analog input resistance
RAIN
10
M
Ω
Reference high-level input voltage
VrefH
When VrefHO (pin 4) and VrefLO (pin 9)
Vref L + 2.0
VDD
V
are unused.
Reference low-level input voltage
VrefL
When VrefHO (pin 4) and VrefLO (pin 9) are unused.
0
VrefH – 2.0
V
Reference high-level output voltage
VrefH
When VrefHO (pin 4) and VrefLO (pin 9)
1.9
2.0
2.1
V
are used, and AVDD = DVDD = 5 V
Reference low-level output voltage
VrefL
When VrefHO (pin 4) and VrefLO (pin 9)
–0.05
0
+0.05
V
are used, and AVDD = DVDD = 5 V
Analog input voltage
VAIN
VrefL
VrefH
V
Digital high-level voltage
VIH
2.2
VDD +0.3
V
Digital low-level voltage
VIL
–0.3
+0.8
V
Digital high-level output current
IOH
VOH = VDD – 0.4 V
–2
mA
Digital low-level output current
IOL
VOL = 0.4 V
2
mA
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Clock high-level period
TWH
23
ns
Clock low-level period
TWL
23
ns
Analog input acquisition time
TAP
10
20
30
ns
Digital output data delay time
Td
C load = 30 pF
15
30
45
ns
Digital output data enable time
TOE
C load = 30 pF
2
5
10
ns
Digital output data disable time
TOD
C load = 30 pF
2
5
10
ns
Electrical AC Characteristics 1 at Ta = –30 to +70
°C, AV
DD = DVDD = 4.5 to 5.5 V, AVSS = DVSS = 0 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com