Electronic Components Datasheet Search
  English  ▼

X  

MJD122 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MJD122
Description  Silicon NPN epitaxial planer Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MJD122 Datasheet(HTML) 1 Page - Micro Commercial Components

  MJD122 Datasheet HTML 1Page - Micro Commercial Components MJD122 Datasheet HTML 2Page - Micro Commercial Components MJD122 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon
NPN epitaxial planer
Transistors
Features
Maximum Ratings @ 25OC Unless Otherwise Specified
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
100
V
VCBO
Collector-Base Voltage
100
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
8
A
PC
Collector Dissipation
1.5
W
TJ
Operating Junction Temperature
150
TSTG
Storage Temperature
-55 to +150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=30mAdc, IB=0)
100
---
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=1mAdc, IE=0)
100
---
---
Vdc
V(BR)EBO
Collector-Emitter Breakdown Voltage
(IE=3mAdc, IC=0)
5
---
---
Vdc
ICBO
Collector Cutoff Current
(VCB=100Vdc, IE=0)
---
---
10
nAdc
IEBO
Emitter Cutoff Current
(VEB=5Vdc, IC=0)
---
---
2
nAdc
hFE
DC Current Gain
(IC=-4Adc, VCE=-4Vdc)
1000
---
12000
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=4Adc, IB=16mAdc)
---
---
2
Vdc
Cob
Output Capacitance
(VCB=10Vdc, f=0.1MHz, IE=0)
---
---
200
pF
Revision:
2
20
10/11/03
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
DPACK
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
0.235
0.245
5.97
6.22
B
0.205
0.215
5.21
5.46
C
0.086
0.094
2.19
2.38
D
0.025
0.035
0.64
0.89
E
0.035
0.045
0.99
1.14
F
0.250
0.265
6.35
6.73
G
0.090
2.28
J
0.018
0.023
0.48
0.58
K
0.020
---
0.51
---
S
0.370
0.410
9.40
10.42
V
0.035
0.050
0.88
1.27
A
S
V
B
D
G
C
E
J
K
1
2
3
F
MJD12
2
ICEO
Collector emitter cutoff Current
(VCE=50Vdc, IE=0)
---
---
10
nAdc
(IC=-8Adc, VCE=-4Vdc)
100
(IC=8Adc, IB=80mAdc)
---
---
4
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=8Adc, IB=80mAdc)
---
---
4.5
Vdc
VBE
Base-Emitter Saturation Voltage
(IC=4Adc, VCE=4Vdc )
---
---
2.8
Vdc
PIN 1.
BASE
PIN 2.
COLLECTOR
PIN 3.
EMITTER
•
High DC Current Gain
•
Electrically similar to popular TIP 122
•
Built-in a damper diode at E-C
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Case Material:Molded Plastic. UL Flammability
Classification Rating 94V-0 and MSL Rating 1
Maximum Thermal Resistance: 83.3
oC/W Junction to Ambient
•


Similar Part No. - MJD122

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD122 MOTOROLA-MJD122 Datasheet
284Kb / 8P
SILICON POWER TRANSISTORS 8 AMPERES 100 VOLTS 20 WATT
logo
ON Semiconductor
MJD122 ONSEMI-MJD122 Datasheet
284Kb / 8P
Complementary Darlington Power Transistors
1995 REV 1
logo
STMicroelectronics
MJD122 STMICROELECTRONICS-MJD122 Datasheet
81Kb / 6P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jan-1999
logo
Fairchild Semiconductor
MJD122 FAIRCHILD-MJD122 Datasheet
137Kb / 8P
Complementary Darlington Power Transistors
logo
ON Semiconductor
MJD122 ONSEMI-MJD122 Datasheet
87Kb / 7P
Complementary Darlington Power Transistor
December, 2005 ??Rev. 7
More results

Similar Description - MJD122

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
XN04322 PANASONIC-XN04322 Datasheet
115Kb / 5P
Composite Transistors Silicon NPN epitaxial planer transistor (Tr1) Silicon PNP epitaxial planer transistor (Tr2)
logo
Micro Commercial Compon...
BD882-R MCC-BD882-R Datasheet
314Kb / 3P
Silicon NPN epitaxial planer Transistors
MJD31C MCC-MJD31C Datasheet
598Kb / 4P
Silicon NPN epitaxial planer Transistors
MJD32C MCC-MJD32C Datasheet
590Kb / 4P
Silicon PNP epitaxial planer Transistors
MJD112 MCC-MJD112 Datasheet
382Kb / 3P
Silicon NPN epitaxial planer Transistors
BD882-R MCC-BD882-R_13 Datasheet
382Kb / 3P
Silicon NPN epitaxial planer Transistors
MJD112 MCC-MJD112_16 Datasheet
295Kb / 3P
Silicon NPN epitaxial planer Transistors
MMJD3055 MCC-MMJD3055 Datasheet
206Kb / 3P
Silicon NPN epitaxial planer Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com