Electronic Components Datasheet Search
  English  ▼

X  

LC89201 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC89201
Description  9600-bps Facsimile Modem
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89201 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC89201 Datasheet HTML 1Page - Sanyo Semicon Device LC89201 Datasheet HTML 2Page - Sanyo Semicon Device LC89201 Datasheet HTML 3Page - Sanyo Semicon Device LC89201 Datasheet HTML 4Page - Sanyo Semicon Device LC89201 Datasheet HTML 5Page - Sanyo Semicon Device LC89201 Datasheet HTML 6Page - Sanyo Semicon Device LC89201 Datasheet HTML 7Page - Sanyo Semicon Device LC89201 Datasheet HTML 8Page - Sanyo Semicon Device LC89201 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2. DTE Interface Pins
3. Eye Pattern Interface Pins
4. V.24 (RS-232C) Interface Pins
5. Analog Signal Pins
No. 4974-5/8
LC89201
Pin No.
Symbol
I/O
Function
29
D0
28
D1
27
D2
26
D3
B
Data bus to host CPU
25
D4
23
D5
22
D6
21
D7
20
A0
19
A1
18
A2
I
Address bus to host CPU
17
A3
16
A4
30
CSB
I
Chip select signal
32
READB
I
Interface memory read signal
33
WRITEB
I
Interface memory write signal
34
IREQB
O
Interrupt request to host CPU
15
RESETB
I
System reset signal
Pin No.
Symbol
I/O
Function
67
EYECLK
O
Timing clock for generating eye pattern data. This may be used as the shift clock for an external shift register.
68
EYESYNC
O
Eye pattern synchronization signal
66
EYEX
O
Eye pattern data serial outputs (8 bits, MSB first)
65
EYEY
Pin No.
Symbol
I/O
Function
57
RTSB
I
Request to send signal. The low level at this pin starts transmission; the high level suspends it.
59
CTSB
O
Clear to send signal. The low level at this pin signals the availability of data for transmission; the high level indicates
that the data is invalid.
58
RLSDB
O
Received line signal data signal. The low level at this pin gives the timing for transferring the data received to the
terminal.
61
TXD
I
Transmit data input
60
RXD
O
Receive data output
62
DCLK
O
Transmission data clock output
Pin No.
Symbol
I/O
Function
39
TXA
O
Transmitter analog output
44
RXA
I
Receiver analog input
43
AUXIN
I
Auxiliary analog input
40
OPA2P
I
41
OPA2M
I
Transmission buffer input/output pins. (For details, see circuit diagram.)
42
OPA2O
O
47
OPA1P
I
46
OPA1M
I
Reception buffer input/output pins (For details, see circuit diagram.)
45
OPA1O
O
49
PGCI
I
Reception gain adjustment circuit input. (For details, seecircuit diagram.)
48
PGCO
O
Reception gain adjustment circuit output.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com