Electronic Components Datasheet Search
  English  ▼

X  

VCJ5 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VCJ5
Description  3.3V or 2.5V Operation
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VCJ5 Datasheet(HTML) 2 Page - Vectron International, Inc

  VCJ5_09 Datasheet HTML 1Page - Vectron International, Inc VCJ5_09 Datasheet HTML 2Page - Vectron International, Inc VCJ5_09 Datasheet HTML 3Page - Vectron International, Inc VCJ5_09 Datasheet HTML 4Page - Vectron International, Inc VCJ5_09 Datasheet HTML 5Page - Vectron International, Inc VCJ5_09 Datasheet HTML 6Page - Vectron International, Inc VCJ5_09 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page2
Performance Specifications
1. The VCJ5 power supply pin should be filtered, eg, a 0.1 and 0.01uf capacitor.
2. See Standard Frequencies and Ordering Information for more information.
3. Includes calibration tolerance, operating temperature, supply voltage variations,, aging and IR reflow.
4. Figure 2 defines these parameters and Figure 1 defines the test circuit.
5. Duty Cycle is defines as the On/Time Period.
6. Measured using an Agilent E5052, 155.520MHz.
7. Measured using a LeCroy 8600, 25K samples.
8. Outputs will be Enabled if Enable/Disable is left open.
Table 1. Electrical Performance, LVPECL Option
Parameter
Symbol
Min
Typical
Maximum
Units
Supply
Voltage1
V
DD
3.135
2.375
3.3
2.5
3.465
2.625
V
Current (No Load)
I
DD
50
98
mA
Frequency
Nominal Frequency2
f
N
10
260
MHz
Stability2,3 (Ordering Options)
±25, ±50, ±100
ppm
Outputs
Output Logic Levels4, -10/70°C
Output Logic High
Output Logic Low
V
OH
V
OL
V
DD
-1.025
V
DD
-1.810
V
DD
-0.880
V
DD
-1.620
V
Output Logic Levels4, -40/85°C
Output Logic High
Output Logic Low
V
OH
V
OL
V
DD
-1.085
V
DD
-1.830
V
DD
-0.880
V
DD
-1.555
V
Output Rise and Fall Time4
Rise Time
Fall Time
t
R
/t
F
1
1
ns
ns
Load
50 ohms into V
DD
-1.3V
Duty Cycle5
45
50
55
%
Jitter (12 kHz - 20 MHz BW)155.52MHz6
фJ
0.3
0.7
ps
Period Jitter7
RMS
P/P
фJ
2.7
23
ps
ps
Enable/Disable
Output Enabled8
Output Disabled
V
IH
V
IL
0.7*V
DD
0.3*V
DD
V
V
Enable/Disable Time
t
D
200
ns
Enable/Disable Leakage Current
±200
uA
Enable Pull-Up Resistor
Output Enabled
Output Disabled
33
1
kOhm
MOhm
Start-Up Time
t
SU
10
ms
Operating Temp. (Ordering Option)
T
OP
-10/70 or -40/85
°C
Package Size
9x14x4.5
mm
t
R
t
F
V
OH
V
OL
50%
On Time
Period
Figure 2
Figure 1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com