Electronic Components Datasheet Search
  English  ▼

X  

CYWM6934 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CYWM6934
Description  WirelessUSB LS??Radio Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWM6934 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CYWM6934 Datasheet HTML 1Page - Cypress Semiconductor CYWM6934 Datasheet HTML 2Page - Cypress Semiconductor CYWM6934 Datasheet HTML 3Page - Cypress Semiconductor CYWM6934 Datasheet HTML 4Page - Cypress Semiconductor CYWM6934 Datasheet HTML 5Page - Cypress Semiconductor CYWM6934 Datasheet HTML 6Page - Cypress Semiconductor CYWM6934 Datasheet HTML 7Page - Cypress Semiconductor CYWM6934 Datasheet HTML 8Page - Cypress Semiconductor CYWM6934 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CYWM6934
PRELIMINARY
Document 38-16012 Rev. *A
Page 2 of 9
3.1
Reference Documentation
For information on technical details of the WirelessUSB LS
™
2.4-GHz DSSS Radio SoC such as register settings, timing,
application interfaces, clocking, and power management, refer
to the data sheet of the CYWUSB6934 Radio SoC.
3.2
Applications Support
The CYWM6934 is available as a reference design, complete
with PCB layout files, schematics, and a bill of materials. The
CYWM6934 can be used with the CY3635 WirelessUSB N:1
sensor development kit, and the CY3632 WirelessUSB LS
development kit via a 1 x 14 adaptor board.
4.0
Module Certification Details
4.1
Eligibility Requirements for Regulatory Mod-
ule Approval
The CYWM6934 LSTM Radio Module is a device that transmits
and receives radio signals in accordance with the spectrum
regulations for the 2.4-GHz unlicensed frequency range.
Regional regulatory agency approval may be required to
operate CYWM6934 throughout the world.
Cypress Semiconductor Corporation has obtained regulatory
approvals for the CYWM6934 to be used in specific countries.
CYWM6934 was approved under the “Modular Approval (MA)
Grant”. This certification represents a significant cost savings
to the OEM.
The MA Grant provides that device manufacturers who incor-
porate CYWM6934 as tested and approved can be relieved
from having to perform the Radio Regulatory certification
portion of the respective agency certification.
The MA Grant is valid only in countries[1.] that recognize the
MA Grant certification process; the USA, Canada, Belgium,
Denmark, France, Finland, Germany, Italy, Netherlands,
Spain, Sweden, UK.
In order to be able to take advantage of Cypress’s modular
certification in an end product, the following must be ensured:
1.) Correct Application
2.) Correct Installation
3.) Correct labeling
4.1.1
Correct Application:
There are three types of application considered for wireless
modules and the LS has been verified to work with all three
application types at pre-certified power output levels.
However, other usages are possible with re-certification. The
application types are defined as follows
4.1.1.1 Fixed Application:
Module is in a permanent location and has atleast 2m
separation from the human body.
4.1.1.2 Mobile Application:
Module can be relocated and will have atleast 20cm
separation from the human body.
4.1.1.3 Portable Application:
Module can be relocated and will have less than 20cm
separation from human body.
4.1.2
Correct Installation:
• Modules cannot be modified in any way
• Modules must be used only in the operating range specified
in the datasheets
• Modules cannot be co-located within 20cm of another inten-
tional radiator in the system
• Must guarantee that end user cannot easily change antenna
Note: Sidestepping these requirements is possible with
additional testing and/or recertification. However, modular
approval would no longer apply.
4.1.3
Correct Labeling:
If end device containing a WirelessUSB LS Module will be sold
or used in the USA, the enclosure of the product must display
a label with the following basic elements:
If end device containing a WirelessUSB LS Module will be sold
or used in Europe, the enclosure of the product must display
a label with the following basic elements:
If end device containing a WirelessUSB LS Module will be sold
or used in Canada, the enclosure of the product must display
a label with the following basic elements:
As of March 2006, Japan does not recognize the “Modular
Approval” certification. Regulatory certification for Japan
(TELEC) must be acquired through typical approval proce-
dures. These approvals are the sole responsibility of the OEM.
Note:
Even with modular approval, the end device still has to be
tested for digital emissions compliance with all agencies as an
electronic device. The modular approval only eliminates the
need to test for compliance on RF transmissions.
Contains FCC ID: R8KUGWM1USHN33A
Contains FCC ID: R8KUGWM1USHN33A
Contains FCC ID: R8KUGWM1USHN33A
CYWM6934
CYWM6934
0122
This product contains Cypress WirelessUSB module
Canadian Cert No IC: 5125A-UGWM1US
This product contains Cypress WirelessUSB module
Canadian Cert No IC: 5125A-UGWM1US
CYWM6934
Note:
1.
This list is as of march 2006. Please talk to your local Sales person for the
current list.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com