Electronic Components Datasheet Search
  English  ▼

X  

VT-700 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VT-700
Description  Temperature Compensated Crystal Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VT-700 Datasheet(HTML) 2 Page - Vectron International, Inc

  VT-700 Datasheet HTML 1Page - Vectron International, Inc VT-700 Datasheet HTML 2Page - Vectron International, Inc VT-700 Datasheet HTML 3Page - Vectron International, Inc VT-700 Datasheet HTML 4Page - Vectron International, Inc VT-700 Datasheet HTML 5Page - Vectron International, Inc VT-700 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page2
Description
Performance Specifications
Table 1. Electrical Performance, Clipped Sine Wave Option
Parameter
Symbol
Min.
Typ
Max
Units
Output Frequency, +5V option
+2.8, +3.0, +3.3V options
f
O
10
8
27
40
MHz
Supply Voltage1
V
DD
+2.8, +3.0, +3.3 or +5.0
V
Supply Current, 8 to 14.999MHz
15.000 to 25.9999MHz
26.000 to 40.000MHz
I
DD
1.5
2.0
2.5
mA
Operating Temperature
T
OP
0/55, -10/60, -20/70, -30/80, -40/85
°C
Stability Over Operating Temperature
±0.5, ±1.0, ±.5, ±2.0, ±2.5, ±3.0, ±4.0, ±5.0
ppm
Initial Accuracy, “No Adjust” Option2
±1.0
ppm
Power Supply Stability
±0.2
ppm
Load Stability
±0.2
ppm
Aging
±1.0
ppm/yr
Pull Range
TPR
±5, ±8, ±10, ±12
ppm
Control Voltage to reach Pull Range
0.5
2.5
V
Control Voltage Impedance
1
Mohm
Output Level3
V
O
p/p
0.8
V
Output Load
10K II 10pF
Phase Noise, 10.000MHz
10Hz
100Hz
1kHz
10kHz
100kHz
-94
-118
-135
-147
-152
dBc/Hz
Start Up Time
2ms
1. The VT-700 power supply pin should be filtered, eg, a 0.1 and 0.01uf capacitor.
2. Initial Accuracy is ±2.0ppm after 2 IR Reflows.
3. The Output is AC coupled.
Specifications
Clipped Sine Wave Output
Phase Noise for a Clipped Sinewave Output



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com