Electronic Components Datasheet Search
  English  ▼

X  

VT-701 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VT-701
Description  Temperature Compensated Crystal Oscillator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VT-701 Datasheet(HTML) 2 Page - Vectron International, Inc

  VT-701 Datasheet HTML 1Page - Vectron International, Inc VT-701 Datasheet HTML 2Page - Vectron International, Inc VT-701 Datasheet HTML 3Page - Vectron International, Inc VT-701 Datasheet HTML 4Page - Vectron International, Inc VT-701 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page2
Table 1. Electrical Performance
Parameter
Symbol
Min.
Typ
Max
Units
Output Frequency
f
O
527
MHz
Supply Voltage1, Ordering Option
V
DD
+3.3 or +5.0
Vdc
Supply Current
I
DD
10
mA
Operating Temperature, Ordering Option
T
OP
0/55, -10/60, -20/70, -30/80, -40/85
°C
Stability Over T
OP
, Ordering Option
±0.5, ±1.0, ±.5, ±2.0, ±2.5, ±3.0, ±4.0, ±5.0
ppm
Initial Accuracy, “No Adjust” Option
±1.0
ppm
Power Supply Stability
±0.3
ppm
Load Stability
±0.2
ppm
Aging
±1.0
ppm/yr
Pull Range, ordering option
TPR
±5, ±8, ±10, ±12
ppm
Control Voltage to reach Pull Range
0.5
2.5
V
Control Voltage Impedance
1
Mohm
Output Level2
Output Logic High
Output Logic Low
Output Logic High Drive
Output Logic Low Drive
V
OH
V
OL
I
OH
I
OL
0.8*V
DD
4
0.1*V
DD
-4
V
V
mA
mA
Output Load
15
pF
Phase Noise, 10.000MHz
10Hz
100Hz
1kHz
10kHz
100kHz
-92
-116
-137
-149
-154
dBc/Hz
Enable Disable3 , Output Enbaled
Output Disabled
V
IH
V
IL
0.3*
VDD
0.7*V
DD
Start Up Time
2ms
1. The V-701 power supply pin should be filtered, eg, a 0.1 and 0.01uf capacitor
2. The Output is DC coupled
3. Output is Enabled if E/D is left open
Table 2. Pinout
Pin #
Symbol
Function
1V
C
TCXO Control Voltage or Ground
2,3,4
NC
Make No Connection
5
GND
Electrical and Lid Ground
6f
O
Output Frequency
7,8
NC
Make No Connection
9
E/D
Enable Disable
10
V
DD
Supply Voltage
Pad Layout mm
Pad Layout mm
Outline Drawing
Recommended Pad Layout
1.4
1.2
1.4
6.0
1.8
1.4 1.0
1.3
2.54
0.4±0.1
Dimensions in mm
7.0±01
5.0±0.1
1.27±0.1
1.0±0.1
0.8±0.1
0.6±0.1
2.54±0.1
2.0 max
0.8 typ
1.0±0.1
FREQUENCY
FREQUENCY
Date Code
Date Code



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com