Electronic Components Datasheet Search
  English  ▼

X  

VT-802 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VT-802
Description  Temperature Compensated Crystal Oscillator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VT-802 Datasheet(HTML) 2 Page - Vectron International, Inc

  VT-802 Datasheet HTML 1Page - Vectron International, Inc VT-802 Datasheet HTML 2Page - Vectron International, Inc VT-802 Datasheet HTML 3Page - Vectron International, Inc VT-802 Datasheet HTML 4Page - Vectron International, Inc VT-802 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page2
Performance Specifications
Table 1. Electrical Performance
Parameter
Symbol
Min.
Typ
Max
Units
Output Frequency
f
O
550
MHz
Supply Voltage1, (Ordering Option)
V
DD
+2.5 or +3.3
V
Supply Current, 5 to 19.999MHz
20.000 to 50.0000MHz
I
DD
3
5
mA
mA
Operating Temperature, (Ordering Option)
T
OP
-20/70 or -40/85
°C
STABILITY
Stability Over T
OP
(Ordering Option)
±2.5 or ±5.0
ppm
Initial Accuracy
±1.0
ppm
Power Supply Stability
±0.5
ppm
Load Stability
±0.2
ppm
Aging
±1.0
ppm/yr
OUTPUT
Output Logic High2
Output Logic Low
V
OH
V
OL
0.9*V
DD
0.1*V
DD
V
Output Load
15
pF
Output Rise and Fall Time
t
R
/t
F
6ns
Duty Cycle
45
55
%
Phase Noise, 12.800MHz
10Hz
100Hz
1kHz
10kHz
100kHz
0
N
-70
-108
-138
-155
-159
dBc/Hz
Start Up Time
t
SU
2ms
Enable Disable Function
Input Logic High3
Input Logic Low
V
IH
V
IL
0.3*V
DD
0.7*V
DD
V
V
Package
5x3.2.1.1
mm
1. The VT-802 power supply pin should be filtered, eg, a 0.1 and 0.01uf capacitor.
2. The Output is DC coupled.
3. The Output is active if the Enable Disable is left open.
Specifications



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com