Electronic Components Datasheet Search
  English  ▼

X  

VT-820 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VT-820
Description  Temperature Compensated Crystal Oscillator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VT-820 Datasheet(HTML) 2 Page - Vectron International, Inc

  VT-820 Datasheet HTML 1Page - Vectron International, Inc VT-820 Datasheet HTML 2Page - Vectron International, Inc VT-820 Datasheet HTML 3Page - Vectron International, Inc VT-820 Datasheet HTML 4Page - Vectron International, Inc VT-820 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Description
Page2
Dimensions in mm
Performance Specifications
Table 1. Electrical Performance
Parameter
Symbol
Min.
Typ
Max
Units
Output Frequency
f
O
845
MHz
Supply Voltage,1 (Ordering Option)
V
DD
+1.8, 2.8, +3.0 or +3.3
V
Supply Current, 8 to 19.999MHz
20.000 to 31.9999MHz
32.000 to 45.000MHz
I
DD
1.5
2.0
2.5
mA
Operating Temperature, (Ordering Option)
T
OP
0/55, -10/60, -20/70, -30/80, -30/85, -40/85
°C
Stability Over T
OP
, (Ordering Option)
±0.5, ±1.0, ±.5, ±2.0, ±2.5, ±3.0, ±4.0, ±5.0
ppm
Initial Accuracy, “No Adjust” Option
±1.0
ppm
Power Supply Stability
±0.2
ppm
Load Stability
±0.2
ppm
Aging
±1.0
ppm/yr
Pull Range, (Ordering Option)
TPR
±5, ±8, ±10, ±12, ±15
ppm
Control Voltage to reach Pull Range
1.8V option
0.5
0.3
2.5
1.5
V
V
Control Voltage Impedance
500
Kohm
Output Level2
V
O
p/p
0.8
V
Output Load
10K II 10pF
Phase Noise, 10.000MHz
10Hz
100Hz
1kHz
10kHz
100kHz
-91
-116
-137
-149
-150
dBc/Hz
Start Up Time
10
ms
1. The VT-820 power supply pin should be filtered, eg, a 0.1 and 0.01uf capacitor
2. The Output is DC coupled
Table 2. Pinout
Pin #
Symbol
Function
1V
C
TCXO Control Voltage or Ground
2,5,7,8
TCXO
PROG
TCXO Programming, DO NOT CONNECT
3
GND
Electrical and Lid Ground
4f
o
Output Frequency
6V
DD
Supply Voltage
Specifications
Outline Drawing
Recommended Pad Layout
5
12
3
78
64
2.5±0.1
3.2±0.1
1.60±0.1
2.5±0.1
0.9±0.1
0.45±0.1
0.6±0.1
1.3±0.1
0.08±0.1
1.27±0.1
1.32±0.1
1.02±0.1
1.0±0.1
0.8±0.1
Frequency
Date Code



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com