Electronic Components Datasheet Search
  English  ▼

X  

LC8991 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC8991
Description  NTSC CCD 1H Delay Line
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC8991 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC8991 Datasheet HTML 1Page - Sanyo Semicon Device LC8991 Datasheet HTML 2Page - Sanyo Semicon Device LC8991 Datasheet HTML 3Page - Sanyo Semicon Device LC8991 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics
Parameter
Symbol
Conditions
min
typ
max
Unit
DC Characteristics at Ta = 25°C, VDD = 9 V, CLOCK = 7.15909 MHz; 0.3 Vp-p
Supply voltage
VDD
8.5
9.0
9.5
V
Supply current
IDD
16.5
20.0
mA
DC output voltage
VGG
13.5
V
OUT
3.1
V
VOB
4.5
V
VID IN
2.8
V
CLK
2.0
V
COMP
2.7
V
AC Characteristics at Ta = 25°C, VDD = 9 V, CLOCK = 7.15909 MHz ; 0.3 Vp-p
Maximum input voltage
VIN max
0.5
0.7
Vp-p
Voltage gain
VG
Input : 15 kHz, 0.5 Vp-p
6
9
11
dB
Linearity
L6
b/a, Note 1
56
60
64
%
L2
c/a, Note 1
18
20
22
%
LS
d/a, Note 1
37
40
43
%
Frequency response
Gf
Note 2
–3.0
–2.3
dB
Noise
VNO
3.4 MHz bandwidth
1.1
mVrms
Clock input voltage
Eck
0.1
0.3
1.0
Vp-p
Output impedance
ZO
520
Ω
Delay time
tO
63.42
µs
Note 1) Linearity test
Input: 5 step staircase signal
Note 2) Frequency response test
Input = 0.5 Vp-p sine wave (2.4 MHz)/(20 kHz)
Pin Assignment
Pin Description
Pin No.
Symbol
Function
1VDD
Power supply
2VSS
GND
3VGG
VGG voltage output
4
OUT
Delay signal output
5
VOB
Feedback output
6
VID IN
Signal input
7
CLK
Clock input
8
COMP
Duty cycle compensation output
LC8991
No.3202-2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com