Electronic Components Datasheet Search
  English  ▼

X  

620AS003 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 620AS003
Description  Backshell Accessory - Straight Strain Relief
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

620AS003 Datasheet(HTML) 1 Page - Glenair, Inc.

  620AS003 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 62 - Page 2
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 20053 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
620-003
Backshell Accessory - Straight Strain Relief
Rotatable Coupling
A Thread
(Table I)
Cable
Entry
C
(Table I)
E
(Table III)
F (Table III)
1. Cable Entry is defined as the accommodation
entry for the wire bundle or cable. Dimensions
are not intended for inspection criteria.
2. Metric dimensions (mm) are indicated in paren-
theses.
Shell Size
Conn. Desig.
A,F,L
H
08
09
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
28
TABLE III: CABLE ENTRY
F
Nom
.750 (19.1)
.750 (19.1)
.937 (23.8)
1.015 (25.8)
1.125 (28.6)
1.188 (30.2)
1.312 (33.3)
1.437 (36.5)
1.562 (39.7)
1.812 (46.0)
Closed
.055
(1.4)
.055
(1.4)
.095
(2.4)
.219
(5.6)
.219
(5.6)
.345
(8.8)
.469 (11.9)
.594 (15.1)
.594 (15.1)
.859 (21.8)
Open
.125
(3.2)
.188
(4.8)
.250
(6.4)
.375
(9.5)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.250 (31.8)
E
Max
.625 (15.9)
.656 (16.7)
.718 (18.2)
.968 (24.6)
1.105 (28.1)
1.105 (28.1)
1.105 (28.1)
1.105 (28.1)
1.105 (28.1)
1.105 (28.1)
H Cable Entry
CONNECTOR
DESIGNATOR
A-F-L-H-S
ROTATABLE
COUPLING
Product Series
Connector Designator
Angle and Profile
S = Straight
Basic Part No.
620 A S 003 M 16
Shell Size
Finish (Table II)


Similar Part No. - 620AS003

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
620AS001U16 GLENAIR-620AS001U16 Datasheet
38Kb / 1P
Strain Relief
620AS001Z116 GLENAIR-620AS001Z116 Datasheet
38Kb / 1P
Strain Relief
More results

Similar Description - 620AS003

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527-015B01 GLENAIR-527-015B01 Datasheet
84Kb / 2P
Solid Strain-Relief Backshell
527-126BPA3 GLENAIR-527-126BPA3 Datasheet
56Kb / 2P
Strain Relief Backshell
527-149NFPA1B1C1 GLENAIR-527-149NFPA1B1C1 Datasheet
67Kb / 2P
Strain Relief Backshell
550T102M GLENAIR-550T102M Datasheet
134Kb / 2P
Strain-Relief Split Backshell
620-053M16 GLENAIR-620-053M16 Datasheet
142Kb / 2P
Backshell Accessory Thread Strain Reliefs
M85049-44-1 GLENAIR-M85049-44-1 Datasheet
73Kb / 1P
Strain-Relief Backshell
507-146E09 GLENAIR-507-146E09_11 Datasheet
178Kb / 1P
Strain Relief Backshell
527-025 GLENAIR-527-025 Datasheet
48Kb / 2P
Strain Relief Backshell
620-004 GLENAIR-620-004 Datasheet
26Kb / 1P
Backshell Accessory - 90째 Strain Relief
377-040 GLENAIR-377-040 Datasheet
403Kb / 2P
Composite Strain-Relief Backshell
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com