Electronic Components Datasheet Search
  English  ▼

X  

MIC706R Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC706R
Description  關P Supervisory Circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC706R Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC706R Datasheet HTML 1Page - Micrel Semiconductor MIC706R Datasheet HTML 2Page - Micrel Semiconductor MIC706R Datasheet HTML 3Page - Micrel Semiconductor MIC706R Datasheet HTML 4Page - Micrel Semiconductor MIC706R Datasheet HTML 5Page - Micrel Semiconductor MIC706R Datasheet HTML 6Page - Micrel Semiconductor MIC706R Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MIC706P/R/S/T, MIC708R/S/T
Micrel, Inc.
MIC706P/R/S/T, MIC708R/S/T
6
January 2006
Applications Information
Power Fail Warning
An additional comparator which is independent of the other
functions on the MIC706P/R/S/T is provided for early warning
of power failure. An external voltage divider can be used to
compare unregulated DC to an internal 1.25V reference. The
voltage divider ratio on the input of the power-fail comparator
(PFI) can be chosen so as to trip the power fail comparator a
few milliseconds before VCC falls below the maximum reset
threshold voltage. The output of the power-fail comparator
(/PFO) can be used to interrupt the microprocessor when
used in this mode and execute shut-down procedures prior
to power loss. Hysteresis can be added to this comparator
with external resistors, as is commonly done with any com-
parator. When VCC < VBATT - 1.2V (typ.), the power-fail
comparator is turned off and /PFO is pulled low in order to
conserve power.
+
-
1.25V
R1
R2
Unregulated DC
PFO
PFI
Figure 1. Power Fail Comparator
Watchdog Timer
The microprocessor can be monitored by connecting the
WDI pin (watchdog input) to a bus line or an I/O line. If a
transition doesn't occur on the WDI pin with in the watchdog
timeout (Table 1.), the microprocessor is reset. /RESET will
remain asserted for 200ms when this occurs. A minimum
pulse of 100ns or any transition low-to-high or high-to-low
on the WDI pin will reset the watchdog timer. The output of
the watchdog timer (WDO) will remain high, if WDI sees a
valid transition within the watchdog period or if VCC falls
below the reset threshold as the watchdog timer is disabled
when this happens.
Microprocessor Reset
The /RESET pin is asserted whenever VCC falls below the
reset threshold voltage. The reset pin remains asserted for a
period of 200ms after VCC has risen above the reset thresh-
old voltage. The reset timeout period can also be selected
by the end user, see Table 1. The reset function ensures the
microprocessor is properly reset and powers up into a known
condition after a power failure. /RESET will remain valid with
VCC as low as 1.4V and when auxiliary power is connected
to VBATT (VBATT > 2.0V), the reset pin will remain valid with
VCC from 0V to 5.5V.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com