Electronic Components Datasheet Search
  English  ▼

X  

MIC811LU Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC811LU
Description  Microprocessor Reset Circuits
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC811LU Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC811LU Datasheet HTML 1Page - Micrel Semiconductor MIC811LU Datasheet HTML 2Page - Micrel Semiconductor MIC811LU Datasheet HTML 3Page - Micrel Semiconductor MIC811LU Datasheet HTML 4Page - Micrel Semiconductor MIC811LU Datasheet HTML 5Page - Micrel Semiconductor MIC811LU Datasheet HTML 6Page - Micrel Semiconductor MIC811LU Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
September 2005
1
MIC811/812
MIC811/812
Micrel
MIC811/812
Microprocessor Reset Circuits
General Description
The MIC811 and MIC812 are inexpensive microprocessor
supervisory circuits that monitor power supplies in micropro-
cessor based systems.
The function of this device is to assert a reset if either the
power supply drops below a designated reset threshold
level or /MR is forced low. Several different reset threshold
levels are available to accommodate 3V, 3.3V or 5V powered
systems.
The MIC811 has an active low /RESET output, while the
MIC812 offers an active high RESET output. The reset output
is guaranteed to remain asserted for a minimum of 140ms
after VCChas risen above the designed reset threshold level.
Having a push-pull output stage, the MIC811/812 does not
require a pull-up resistor at the output. The MIC811/812
comes in a 4-pin SOT-143 package.
If a microprocessor voltage supervisor with an open-drain
output stage is needed, see MIC6315.
Features
• Precision voltage monitor for 3V, 3.3V or 5V power sup-
plies
• /RESET remains valid with VCC as low as 1V
• 5µA typical supply current
• 140ms minimum reset pulse width available
• Manual reset input
• Available in 4-pin SOT-143 package
Applications
• Portable equipment
• Intelligent instruments
• Critical microprocessor power monitoring
• Printers/computers
• Embedded controllers
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
Typical Application
VCC
RESET
µP
RESET
VCC
MIC811
VCC
MR


Similar Part No. - MIC811LU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC811LU MICREL-MIC811LU Datasheet
269Kb / 7P
Microprocessor Reset Circuits
MIC811LUY MICREL-MIC811LUY Datasheet
227Kb / 7P
Microprocessor Reset Circuits
logo
Microchip Technology
MIC811LUY-TR MICROCHIP-MIC811LUY-TR Datasheet
849Kb / 16P
Microprocessor Reset Circuits
Revision A (May 2022)
More results

Similar Description - MIC811LU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM811 FAIRCHILD-FM811 Datasheet
42Kb / 6P
Microprocessor Reset Circuits
logo
Micrel Semiconductor
MIC809 MICREL-MIC809 Datasheet
166Kb / 8P
Microprocessor Reset Circuits
MIC809 MICREL-MIC809_05 Datasheet
285Kb / 6P
Microprocessor Reset Circuits
MIC809 MICREL-MIC809_11 Datasheet
288Kb / 6P
Microprocessor Reset Circuits
logo
Unisonic Technologies
UIC811 UTC-UIC811 Datasheet
219Kb / 9P
MICROPROCESSOR RESET CIRCUITS
logo
Analog Devices
ADM1810 AD-ADM1810_08 Datasheet
381Kb / 16P
Microprocessor Reset Circuits
Rev. E
ADM1812 AD-ADM1812_15 Datasheet
234Kb / 12P
Microprocessor Reset Circuits
Rev. F
ADM1813 AD-ADM1813_15 Datasheet
234Kb / 12P
Microprocessor Reset Circuits
Rev. F
ADM1818 AD-ADM1818_15 Datasheet
234Kb / 12P
Microprocessor Reset Circuits
Rev. F
logo
Unisonic Technologies
UIC811 UTC-UIC811_15 Datasheet
268Kb / 8P
MICROPROCESSOR RESET CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com