Electronic Components Datasheet Search
  English  ▼

X  

MIC841 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC841
Description  Comparator with 1.25% Reference and Adjustable Hysteresis
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC841 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC841 Datasheet HTML 1Page - Micrel Semiconductor MIC841 Datasheet HTML 2Page - Micrel Semiconductor MIC841 Datasheet HTML 3Page - Micrel Semiconductor MIC841 Datasheet HTML 4Page - Micrel Semiconductor MIC841 Datasheet HTML 5Page - Micrel Semiconductor MIC841 Datasheet HTML 6Page - Micrel Semiconductor MIC841 Datasheet HTML 7Page - Micrel Semiconductor MIC841 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Micrel, Inc.
MIC841/2
March 2011
2
M9999-030811-B
Ordering Information
Part Number
Marking
Hysteresis
Adjustment
Output
Stage
Output
Function
Temperature
Range
Pb-Free
Package
MIC841HBC5
B13
External
Push Pull
Active High
–40° to +85°C
SC-70-5
MIC841LBC5
B14
External
Push Pull
Active Low
–40° to +85°C
SC-70-5
MIC841NBC5
B15
External
Open Drain
Active High
–40° to +85°C
SC-70-5
MIC842HBC5
B16
Internal
Push Pull
Active High
–40° to +85°C
SC-70-5
MIC842LBC5
B17
Internal
Push Pull
Active Low
–40° to +85°C
SC-70-5
MIC842NBC5
B18
Internal
Open Drain
Active High
–40° to +85°C
SC-70-5
MIC841HYC5
B13
External
Push Pull
Active High
–40° to +85°C
SC-70-5
MIC841LYC5
B14
External
Push Pull
Active Low
–40° to +85°C
SC-70-5
MIC841NYC5
B15
External
Open Drain
Active High
–40° to +85°C
SC-70-5
MIC842HYC5
B16
Internal
Push Pull
Active High
–40° to +85°C
SC-70-5
MIC842LYC5
B17
Internal
Push Pull
Active Low
–40° to +85°C
SC-70-5
MIC842NYC5
B18
Internal
Open Drain
Active High
–40° to +85°C
SC-70-5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com