Electronic Components Datasheet Search
  English  ▼

X  

MIC2282 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2282
Description  Single-Cell Ultra Low EMI Boost LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2282 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2282 Datasheet HTML 1Page - Micrel Semiconductor MIC2282 Datasheet HTML 2Page - Micrel Semiconductor MIC2282 Datasheet HTML 3Page - Micrel Semiconductor MIC2282 Datasheet HTML 4Page - Micrel Semiconductor MIC2282 Datasheet HTML 5Page - Micrel Semiconductor MIC2282 Datasheet HTML 6Page - Micrel Semiconductor MIC2282 Datasheet HTML 7Page - Micrel Semiconductor MIC2282 Datasheet HTML 8Page - Micrel Semiconductor MIC2282 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Micrel, Inc.
MIC2282
October 2009
4
M9999-102309
Typical Characteristics
50
55
60
65
70
75
80
85
00.5
11.5
22.5
33.5
INPUT VOLTAGE (V)
1 LED Efficiency
50mA
10mA
25mA
50
55
60
65
70
75
80
85
90
0
1234
5
INPUT VOLTAGE (V)
2 LED in Series Efficiency
50mA
10mA
100mA
50
55
60
65
70
75
80
85
90
0
123
45
6
INPUT VOLTAGE (V)
3 LED in Series Efficiency
50mA 100mA
10mA
15
20
25
30
TEMPERATURE (¡C)
Oscillator Frequency
vs. Temperature
V
IN = 1.5V
I
SW = 100mA
50
55
60
65
70
75
TEMPERATURE (°C)
Oscillator Duty Cycle
vs. Temperature
V
IN = 1.5V
I
SW = 100mA
50
75
100
125
150
175
200
TEMPERATURE (°C)
Quiescent Current
vs. Temperature
V
IN = 1.5V
0
25
50
75
100
125
150
175
200
02
468
10
SUPPLY VOLTAGE (V)
–40°C
+85°C
+25°C
Quiescent Current
vs. Supply Volage
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
33.544.5
55.5
6
INPUT VOLTAGE (V)
Current Limit
vs. Input Voltage
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
TEMPERATURE (°C)
Output Current Limit
vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com