Electronic Components Datasheet Search
  English  ▼

X  

MIC2292 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2292
Description  High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2292 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2292 Datasheet HTML 2Page - Micrel Semiconductor MIC2292 Datasheet HTML 3Page - Micrel Semiconductor MIC2292 Datasheet HTML 4Page - Micrel Semiconductor MIC2292 Datasheet HTML 5Page - Micrel Semiconductor MIC2292 Datasheet HTML 6Page - Micrel Semiconductor MIC2292 Datasheet HTML 7Page - Micrel Semiconductor MIC2292 Datasheet HTML 8Page - Micrel Semiconductor MIC2292 Datasheet HTML 9Page - Micrel Semiconductor MIC2292 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Micrel, Inc.
MIC2292/93C
September 2009
8
M9999-091509-A
External Component Selection
The MIC2292/93C can be used across a wide rage of
applications. The table below shows recommended
inductor and output capacitor values for various series-
LED applications.
Series LEDs
L
Manufacturer
Min COUT
Manufacturer
LQH32CN220K21 (Murata)
0805ZD225KAT(AVX)
22µH
NLC453232T-220K(TDK)
2.2µF
GRM40X5R225K10(Murata)
LQH32CN150K21 (Murata)
0805ZD105KAT(AVX)
15µH
NLC453232T-150K(TDK)
1µF
GRM40X5R105K10(Murata)
LQH32CN100K21 (Murata)
0805ZD224KAT(AVX)
10µH
NLC453232T-100K(TDK)
0.22µF
GRM40X5R224K10(Murata)
LQH32CN6R8K21 (Murata)
0805ZD225KAT(AVX)
6.8µH
NLC453232T-6R8K(TDK)
0.22µF
GRM40X5R225K10(Murata)
LQH32CN4R7K21 (Murata)
0805ZD224KAT(AVX)
2
4.7µH
NLC453232T-4R7K(TDK)
0.22µF
GRM40X5R224K10(Murata)
LQH43MN220K21 (Murata)
0805YD225MAT(AVX)
22µH
NLC453232T-220K(TDK)
2.2µF
GRM40X5R225K16(Murata)
LQH43MN 150K21 (Murata)
0805YD105MAT(AVX)
15µH
NLC453232T-150K(TDK)
1µF
GRM40X5R105K16(Murata)
LQH43MN 100K21 (Murata)
0805YD224MAT(AVX)
10µH
NLC453232T-100K(TDK)
0.22µF
GRM40X5R224K16(Murata)
LQH43MN 6R8K21 (Murata)
0805YD224MAT(AVX)
6.8µH
NLC453232T-6R8K(TDK)
0.22µF
GRM40X5R224K16(Murata)
LQH43MN 4R7K21 (Murata)
0805YD274MAT(AVX)
3
4.7µH
NLC453232T-4R7K(TDK)
0.27µF
GRM40X5R224K16(Murata)
LQH43MN220K21 (Murata)
0805YD105MAT(AVX)
22µH
NLC453232T-220K(TDK)
1µF
GRM40X5R105K25(Murata)
LQH43MN 150K21 (Murata)
0805YD105MAT(AVX)
15µH
NLC453232T-150K(TDK)
1µF
GRM40X5R105K25(Murata)
LQH43MN 100K21 (Murata)
0805YD274MAT(AVX)
10µH
NLC453232T-100K(TDK)
0.27µF
GRM40X5R274K25(Murata)
LQH43MN 6R8K21 (Murata)
0805YD274MAT(AVX)
6.8µH
NLC453232T-6R8K(TDK)
0.27µF
GRM40X5R274K25(Murata)
LQH43MN 4R7K21 (Murata)
0805YD274MAT(AVX)
4
4.7µH
NLC453232T-4R7K(TDK)
0.27µF
GRM40X5R274K25(Murata)
LQH43MN220K21 (Murata)
08053D224MAT(AVX)
22µH
NLC453232T-220K(TDK)
0.22µF
GRM40X5R224K25(Murata)
LQH43MN 150K21 (Murata)
08053D224MAT(AVX)
15µH
NLC453232T-150K(TDK)
0.22µF
GRM40X5R224K25(Murata)
LQH43MN 100K21 (Murata)
08053D274MAT(AVX)
10µH
NLC453232T-100K(TDK)
0.27µF
GRM40X5R274K25(Murata)
LQH43MN 6R8K21 (Murata)
08053D274MAT(AVX)
6.8µH
NLC453232T-6R8K(TDK)
0.27µF
GRM40X5R274K25(Murata)
LQH43MN 4R7K21 (Murata)
08053D274MAT(AVX)
5, 6
4.7µH
NLC453232T-4R7K(TDK)
0.27µF
GRM40X5R274K25(Murata)
LQH43MN220K21 (Murata)
08053D224MAT(AVX)
22µH
NLC453232T-220K(TDK)
0.22µF
GRM40X5R224K25(Murata)
LQH43MN 150K21 (Murata)
08053D224MAT(AVX)
15µH
NLC453232T-150K(TDK)
0.22µF
GRM40X5R224K25(Murata)
LQH43MN 100K21 (Murata)
08053D274MAT(AVX)
10µH
NLC453232T-100K(TDK)
0.27µF
GRM40X5R274K25(Murata)
LQH43MN 6R8K21 (Murata)
08053D274MAT(AVX)
6.8µH
NLC453232T-6R8K(TDK)
0.27µF
GRM40X5R274K25(Murata)
LQH43MN 4R7K21 (Murata)
08053D274MAT(AVX)
7, 8
4.7µH
NLC453232T-4R7K(TDK)
0.27µF
GRM40X5R274K25(Murata)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com