Electronic Components Datasheet Search
  English  ▼

X  

MIC2298 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2298
Description  3.5A Minimum, 1MHz Boost High Brightness White LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2298 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2298 Datasheet HTML 1Page - Micrel Semiconductor MIC2298 Datasheet HTML 2Page - Micrel Semiconductor MIC2298 Datasheet HTML 3Page - Micrel Semiconductor MIC2298 Datasheet HTML 4Page - Micrel Semiconductor MIC2298 Datasheet HTML 5Page - Micrel Semiconductor MIC2298 Datasheet HTML 6Page - Micrel Semiconductor MIC2298 Datasheet HTML 7Page - Micrel Semiconductor MIC2298 Datasheet HTML 8Page - Micrel Semiconductor MIC2298 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Micrel, Inc.
MIC2298
October 2007
4
M9999-101707-B
Typical Characteristics
0
4
8
12
16
20
02468
10
12
INPUT VOLTAGE (V)
Input Current
vs. Input Voltage
1.8
1.9
2.0
2.1
2.2
2.3
2.4
-40 -20
0
20
40
60
80
TEMPERATURE (°C)
UVLO vs.
Temperature
0.8
0.9
1.0
1.1
1.2
2
345
6789 10 11
INPUT VOLTAGE (V)
Switching Frequency
vs. Input Voltage
TA = 25°C
0.8
0.9
1.0
1.1
1.2
-40 -20
0
20
40
60
80
TEMPERATURE (°C)
Switching Frequency
vs. Temperature
VIN = 5V
0.190
0.195
0.200
0.205
0.210
2.5 3 3.5 4 4.5 5 5.5 6 6.5
INPUT VOLTAGE (V)
LED Current vs.
Input Voltage (BRT GND)
TCASE = 25°C
RSENSE
0.90
0.91
0.92
0.93
0.94
0.95
0.96
0.97
0.98
0.99
1.00
2.5 3 3.5 4 4.5 5 5.5 6 6.5
INPUT VOLTAGE (V)
LED Current vs.
Input Voltage (BRT Open)
TCASE = 25°C
RSENSE
0
100
200
300
400
500
600
700
800
900
1000
1100
LED Current
vs. DIM Voltage
0
40
80
120 160 200
DIM VOLTAGE (mV)
60
65
70
75
80
85
90
95
2.5 3 3.5 4 4.5 5 5.5 6 6.5
INPUT VOLTAGE (V)
Efficiency vs.
Input Voltage (BRT Open)
RSENSE
60
65
70
75
80
85
90
95
2.5 3 3.5 4 4.5 5 5.5 6 6.5
INPUT VOLTAGE (V)
Efficiency vs.
Input Voltage (BRT GND)
RSENSE
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
246
8
10 12 14
OUTPUT VOLTAGE (V)
Max DC LED Current
vs. Output Voltage
VIN = 3.0V
25°C
50°C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
246
8
10 12 14
OUTPUT VOLTAGE (V)
Max DC LED Current
vs. Output Voltage
VIN = 3.6V
25°C
50°C
0
50
100
150
200
250
300
350
400
450
500
0 0.5 1 1.5 2 2.5 3 3.5 4
SWITCH CURRENT (A)
Bipolar Saturation Voltage
vs. Switch Current
TA = 25°C
3.0V
3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com