Electronic Components Datasheet Search
  English  ▼

X  

MIC2342 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2342
Description  Dual-Slot PCI Express짰 Hot-Plug Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2342 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2342 Datasheet HTML 1Page - Micrel Semiconductor MIC2342 Datasheet HTML 2Page - Micrel Semiconductor MIC2342 Datasheet HTML 3Page - Micrel Semiconductor MIC2342 Datasheet HTML 4Page - Micrel Semiconductor MIC2342 Datasheet HTML 5Page - Micrel Semiconductor MIC2342 Datasheet HTML 6Page - Micrel Semiconductor MIC2342 Datasheet HTML 7Page - Micrel Semiconductor MIC2342 Datasheet HTML 8Page - Micrel Semiconductor MIC2342 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Micrel, Inc.
MIC2342/2342R
June 2008
2
M9999-062008-B
Ordering Information
Part Number
Latch Off
Auto-Retry
12V and 3V
Fast-Trip
Thresholds
3.3VAUX Nominal
Current Limit
Package
MIC2342–2YTQ
MIC2342R–2YTQ
100mV
0.375A
48 Pin TQFP
MIC2342–3YTQ
(1)
MIC2342R–3YTQ
(1)
150mV
0.375A
48 Pin TQFP
MIC2342–5YTQ
(1)
MIC2342R–5YTQ
(1)
Disabled
0.375A
48 Pin TQFP
Note:
1. Contact factory for availability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com