Electronic Components Datasheet Search
  English  ▼

X  

38D2 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 38D2
Description  Standard Characteristics
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 3 Page - Renesas Technology Corp

  38D2_07 Datasheet HTML 1Page - Renesas Technology Corp 38D2_07 Datasheet HTML 2Page - Renesas Technology Corp 38D2_07 Datasheet HTML 3Page - Renesas Technology Corp 38D2_07 Datasheet HTML 4Page - Renesas Technology Corp 38D2_07 Datasheet HTML 5Page - Renesas Technology Corp 38D2_07 Datasheet HTML 6Page - Renesas Technology Corp 38D2_07 Datasheet HTML 7Page - Renesas Technology Corp 38D2_07 Datasheet HTML 8Page - Renesas Technology Corp 38D2_07 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
38D2 Group Standard Characteristics
M38D29GF-XXXFP/HP,M38D29GC-XXXFP/HP,M38D28G8-XXXFP/HP,M38D24G6-XXXFP/HP,M38D24G4-XXXFP/HP
M38D29GFFP/HP,M38D29GCFP/HP,M38D28G8FP/HP,M38D24G6FP/HP,M38D24G4FP/HP
At 12 MHz frequency/2, increment at A/D conversion executed (ceramic oscillation, Ta = 25 °C, output transistor is in the cut-off state)
Fig. 6. Vcc-Icc (increment at A/D conversion executed)
At 16 MHz frequency/4 mode, increment at A/D conversion executed (ceramic oscillation, Ta = 25 °C, output transistor is in the cut-off state)
Fig. 7. Vcc-Icc (increment at A/D conversion executed)
At 16 MHz frequency/8 mode, increment at A/D conversion executed (ceramic oscillation, Ta = 25 °C, output transistor is in the cut-off state)
Fig. 8. Vcc-Icc (increment at A/D conversion executed)
Power Source Voltage Vcc [V]
Power Source Voltage Vcc [V]
Power Source Voltage Vcc [V]
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
1.5
2
2.5
3
3.5
4
4.5
5
5.5
A/D conversion executed
A/D conversion not executed
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
1.5
2
2.5
3
3.5
4
4.5
5
5.5
A/D conversion executed
A/D conversion not executed
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
1.5
2
2.5
3
3.5
4
4.5
5
5.5
A/D conversion executed
A/D conversion not executed
REJ99B1154-0200
©2007. Renesas Technology Corp., All rights reserved.
November 2007
Page 3 of 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com