Electronic Components Datasheet Search
  English  ▼

X  

3803 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 3803
Description  8-bit MICROCOMPUTER 38000 Series
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3803 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 3803 Datasheet HTML 7Page - Renesas Technology Corp 3803 Datasheet HTML 8Page - Renesas Technology Corp 3803 Datasheet HTML 9Page - Renesas Technology Corp 3803 Datasheet HTML 10Page - Renesas Technology Corp 3803 Datasheet HTML 11Page - Renesas Technology Corp 3803 Datasheet HTML 12Page - Renesas Technology Corp 3803 Datasheet HTML 13Page - Renesas Technology Corp 3803 Datasheet HTML 14Page - Renesas Technology Corp 3803 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
©2008. Renesas Technology Corp., All rights reserved.
11
Rev.4.01
Date: Jul.02.08
REJ99B0048-0401
6. Flash Memory ID code and ROM Code Protect
In the 3803H/3803L Groups Flash memory version, ID codes are assigned to addresses FFD to FFDA16, and ROM code protect is
assigned to address FFDB16. Please note that these addresses are included in the user ROM area. The data of these addresses must be
set to programming data before programming.
7. QzROM ROM Code Protect
In the QzROM version, ROM code protect is assigned to address FFDB16. If you select write to protect bit with a serial programmer or
select programming by Renesas Technology before shipment to enable protect, “0016” (all area protected) or “FE16” (protect area 1
protected) is written into this address. Otherwise, “FF16” is written to this address. The address cannot be used by user programs.
8. Flash Memory Control Registers
- In the 3803H/3803L Group Flash memory version, Flash Memory control registers 0 to 2 are assigned to addresses 0FE0 to 0FE216.
- In the 3803 Group Flash memory version, Flash Memory control register is assigned to address 0FFE16 and Flash command register is
assigned to address 0FFF16.
- In the Mask ROM/QzROM versions, nothing is allocated to these addresses, so writing can be performed to them.
When read, their values are undefined.
9. Program/Erase Power Source
The program/erase power source voltage as well as the absolute maximum ratings of the pins differ for each product. Ensure that the
specified programmer is connected to your product to prevent a voltage that exceeds the ratings from being applied to the pins.
10. Program/Erase Mode
In the QzROM version, only serial I/O mode is available in program/erase mode. When requesting off-board programming, please prepare
a separate board for that purpose. MCU units for serial programming may also be available from the programmer manufacturer.
11. Time until Flash Memory can Operate after Returning from Stop Mode
In the 3803H/3803L Group Flash memory version, the internal power supply circuit is switched to low power consumption mode for
reducing consumption current during STP instruction. Although the internal power supply circuit is automatically switched to thenormal
operation mode when returning from the STP instruction, a certain time is required until the flash memory can operate after the power
supply restarts. Therefore, set 100
μsec or more by the oscillation stabilization time setting function after the STP instruction which uses
timer 1 is released.
Replacement Notes (2)
Replacement Notes (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com