Electronic Components Datasheet Search
  English  ▼

X  

712S271XM Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 712S271XM
Description  Self-Locking Composite Conduit Adapter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

712S271XM Datasheet(HTML) 1 Page - Glenair, Inc.

  712S271XM Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
D-31
E-Mail: sales@glenair.com
www.glenair.com
Convoluted Tubing (Shown
for Reference Only)
Conduit
I.D.
45°
A Thread - Typ.
Class 2A
1.06
(26.9)
J
Knurl or Flute Style
Mfr. Option - Typ.
Double Layer Braid (.030 to .080 Thickness
RFI Shield (Shown for Reference Only)
712S271 XM 03 24 N K
Basic Part No.
Finish (Table 3)
Dash No. (Table 1)
K = For use with peek conduit material,
omit for standard teflon conduit material
N = Non-self locking, omit for self locking
Conduit Size (Table 2)
Anti-Decoupling Device
Hex Coupling
Nut
TABLE 2
XM
Electroless Nickel
XW
Cadmium Olive Drab Over Electroless
Nickel
XB
No Plating - Black Material
XO
No Plating - Base Material
Non-conductive
Max Conduit
Size Table 2
16
24
32
40
64
09
12
Dash
No.
01
02
03
04
05
06
07
A Thread
Unified
.750 - 20
1.000 - 20
1.312 - 18
1.500 - 18
2.000 - 18
.500 - 20
.625 - 24
Table 1
Table 3
Weight in
Pounds Max.
.035
.047
.062
.077
.104
.030
.031
J Dia
Max
.790 (20.1)
.985 (25.0)
.985 (25.0)
1.035 (26.3)
1.100 (27.9)
1.160 (29.5)
1.285 (32.6)
1.480 (37.6)
1.670 (42.4)
1.720 (43.7)
2.100 (53.3)
2.420 (61.5)
2.660 (67.6)
2.910 (73.9)
Dash
No.
06
09
10
12
14
16
20
24
28
32
40
48
56
64
Conduit
I.D.
.188 (4.8)
.281 (7.1)
.312 (7.9)
.375 (9.5)
.437 (11.1)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.250 (31.8)
1.500 (38.1)
1.750 (44.5)
2.000 (50.8)
Table 2
Metric dimensions (mm) are in parentheses and are for reference only.
712S271
Self-Locking Composite Conduit Adapter for
Double-Shielded Series 74 PEEK or Standard Tubing


Similar Part No. - 712S271XM

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
712S271XM GLENAIR-712S271XM Datasheet
258Kb / 2P
Composite Dual EMI/RFI Shield Termination Conduit Fitting
More results

Similar Description - 712S271XM

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
712AS419XM GLENAIR-712AS419XM Datasheet
339Kb / 2P
Composite Conduit-to-Connector Adapter
712AS419XM19 GLENAIR-712AS419XM19 Datasheet
270Kb / 1P
Self-Locking Composite Conduit Adapter
712475XM06DE GLENAIR-712475XM06DE Datasheet
33Kb / 1P
Composite Conduit Bulkhead Feed-Through Adapter
M85049-91-09J GLENAIR-M85049-91-09J Datasheet
78Kb / 1P
Composite Strain Reliefs Self-Locking
712S269XM GLENAIR-712S269XM_03 Datasheet
26Kb / 1P
Self-Locking Composite Conduit Adapter
712S270XM GLENAIR-712S270XM_03 Datasheet
23Kb / 1P
Self-Locking Composite Conduit Adapter
319-064 GLENAIR-319-064 Datasheet
200Kb / 2P
Composite Self-Locking Rotatable Coupling
319-065 GLENAIR-319-065 Datasheet
255Kb / 2P
Composite Self-Locking Rotatable Coupling
377-041 GLENAIR-377-041 Datasheet
306Kb / 2P
Composite FiberCon Conduit Adapter
627-122 GLENAIR-627-122 Datasheet
194Kb / 2P
Composite Self-Locking Rotatable Coupling
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com