Electronic Components Datasheet Search
  English  ▼

X  

MIC4801 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC4801
Description  High Efficiency 600mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4801 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC4801 Datasheet HTML 1Page - Micrel Semiconductor MIC4801 Datasheet HTML 2Page - Micrel Semiconductor MIC4801 Datasheet HTML 3Page - Micrel Semiconductor MIC4801 Datasheet HTML 4Page - Micrel Semiconductor MIC4801 Datasheet HTML 5Page - Micrel Semiconductor MIC4801 Datasheet HTML 6Page - Micrel Semiconductor MIC4801 Datasheet HTML 7Page - Micrel Semiconductor MIC4801 Datasheet HTML 8Page - Micrel Semiconductor MIC4801 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Micrel Inc.
MIC4801
January 2011
2
M9999-011811-A
Ordering Information
Part Number
Temperature Range
Package
MIC4801YM
–40°C to +125°C
8-Pin SOIC
Pin Configuration
8-Pin SOIC (M)
(Top View)
Pin Description
Pin Number
Pin Name
Pin Function
1
VIN
Voltage Input. Connect at least 2.2µF ceramic capacitor between VIN and GND.
2
EN
Enable LED drivers. This pin can be used as a PWM input for dimming of WLEDs. Do not leave
floating.
3
RSET
An internal 1.27V reference sets the nominal maximum WLED current. Example, apply a 12.1kΩ
resistor between RSET and GND to set LED current to 416mA at 100% duty cycle.
4
GND
Ground.
5
D1
LED1 driver input. Connect LED anode to VIN and cathode to this pin. All D1 pins must be
connected to the LED.
6
D1
LED1 driver input. Connect LED anode to VIN and cathode to this pin. All D1 pins must be
connected to the LED.
7
D1
LED1 driver input. Connect LED anode to VIN and cathode to this pin. All D1 pins must be
connected to the LED.
8
D1
LED1 driver input. Connect LED anode to VIN and cathode to this pin. All D1 pins must be
connected to the LED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com