Electronic Components Datasheet Search
  English  ▼

X  

4509 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 4509
Description  Standard Characteristics
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4509 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 4509 Datasheet HTML 11Page - Renesas Technology Corp 4509 Datasheet HTML 12Page - Renesas Technology Corp 4509 Datasheet HTML 13Page - Renesas Technology Corp 4509 Datasheet HTML 14Page - Renesas Technology Corp 4509 Datasheet HTML 15Page - Renesas Technology Corp 4509 Datasheet HTML 16Page - Renesas Technology Corp 4509 Datasheet HTML 17Page - Renesas Technology Corp 4509 Datasheet HTML 18Page - Renesas Technology Corp 4509 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Standard Characteristics
4508/4509 Group
5-1. Input threshold value (VIH/VIL) characteristics P0,P1,P2,P3,D0-D5 pins
(P3, D4, D5 only for 4509 Group)
conditions: Ta=25°C
5-2. Input threshold value (VIH/VIL) characteristics RESET pin
conditions: Ta=25°C
Standard characteristics are just examples and are not guaranteed.
For each parameter's limits, refer to electrical characteristics of Datasheet.
These MCUs have the equal characteristics as the above expression.
M34509G4FP
M34509G4-XXXFP
M34509G4HFP
M34509G4H-XXXFP
M34508G4FP
M34508G4-XXXFP
M34508G4GP
M34508G4-XXXGP
M34508G4HFP
M34508G4H-XXXFP M34508G4HGP
M34508G4H-XXXGP
0.0
1.0
2.0
3.0
4.0
5.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD [V]
VIH/VIL
0.0
1.0
2.0
3.0
4.0
5.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD [V]
VIH
VIL
REJ99B0054-0101
©2006. Renesas Technology Corp., All rights reserved.
2006.04
Page 15 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com