Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 4559
Description  Standard Characteristics
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 3 Page - Renesas Technology Corp

  4559_08 Datasheet HTML 1Page - Renesas Technology Corp 4559_08 Datasheet HTML 2Page - Renesas Technology Corp 4559_08 Datasheet HTML 3Page - Renesas Technology Corp 4559_08 Datasheet HTML 4Page - Renesas Technology Corp 4559_08 Datasheet HTML 5Page - Renesas Technology Corp 4559_08 Datasheet HTML 6Page - Renesas Technology Corp 4559_08 Datasheet HTML 7Page - Renesas Technology Corp 4559_08 Datasheet HTML 8Page - Renesas Technology Corp 4559_08 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Standard Characteristics
4559 Group
1-5. VDD-IDD characteristics
conditions: f(Xin)=500kHz(ceramic resonator), f(Xcin)=stop,f(RING)=stop, Ta=25°C
1-6. VDD-IDD characteristics
conditions: f(Xin)=stop , f(XCIN)=32kHz(quartz-crystal oscillator),f(RING)=stop, Ta=25°C
Standard characteristics are just examples and are not guaranteed.
For each parameter's limits, refer to electrical characteristics of Datasheet.
These MCUs have the equal characteristics as the above expression.
M34559G6FP
M34559G6-XXXFP
0.0
0.3
0.6
0.9
1.2
1.5
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD [V]
High-speed Through mode
High-speed Frequency/2 mode
High-speed Frequency/8 mode
High-speed Frequency/4 mode
0
5
10
15
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD [V]
Low-speed Through mode
Low-speed Frequency/2 mode
Low-speed Frequency/8 mode
Low-speed Frequency/4 mode
REJ99B1339-0201
©2008. Renesas Technology Corp., All rights reserved.
February 2008
Page 3 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com