Electronic Components Datasheet Search
  English  ▼

X  

MIC4833 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC4833
Description  Low Noise Dual 220 VPP EL Driver With Output Voltage Slew Rate Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4833 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC4833 Datasheet HTML 1Page - Micrel Semiconductor MIC4833 Datasheet HTML 2Page - Micrel Semiconductor MIC4833 Datasheet HTML 3Page - Micrel Semiconductor MIC4833 Datasheet HTML 4Page - Micrel Semiconductor MIC4833 Datasheet HTML 5Page - Micrel Semiconductor MIC4833 Datasheet HTML 6Page - Micrel Semiconductor MIC4833 Datasheet HTML 7Page - Micrel Semiconductor MIC4833 Datasheet HTML 8Page - Micrel Semiconductor MIC4833 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MIC4833
Low Noise Dual 220 VPP EL Driver
With Output Voltage Slew Rate Control
MLF and MicroLead Frame are registered trademark of Amkor Technologies
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
The MIC4833 is a low noise dual Electroluminescent (EL)
Panel driver used in backlighting applications. The
MIC4833 converts a low DC voltage to a high DC voltage
using a boost converter and then alternates the high DC
voltage across the EL panels using an H-bridge. The
MIC4833 incorporates internal wave-shaping circuitry
specifically designed to reduce audible noise emitted by
EL panels. The two EL panels may be dimmed by applying
a PWM signal to the device. The MIC4833 drives two
outputs from a single inductor and requires a minimum
number of passive components. It features an operating
input voltage range of 2.3V to 5.8V, making it suitable for
1-cell Li-ion and 2- or 3-cell alkaline/NiCad/NiMH battery
applications.
An external resistor may be used to adjust the output
voltage slew rate to reduce audible noise. The MIC4833
features separate oscillators for the boost and H-bridge
stages to allow independent control. External resistors set
the operating frequencies of each stage allowing the EL
circuit to optimize efficiency and brightness.
The MIC4833 is available in a 12 pin 3mmx3mm MLF
®
package, and has an operating junction temperature range
of –40
°C to +125°C.
Features
•
Drives two EL panels, up to 4 in
2 each at full
brightness
•
Independent input control for each of the two panels
and allows PWM dimming.
•
220Vpp regulated AC output waveform
•
2.3V to 5.8V DC input voltage
•
Wave-shaping circuit to reduce audible noise
•
Adjustable slew rate for audible noise reduction
•
Independently adjustable boost converter and EL
panel frequency
•
Single inductor to power both panels
•
0.1uA typical shutdown current
•
12 pin 3mmx3mm MLF
® package
•
–40
oC to +125oC junction temperature range
Applications
•
Mobile Phones
•
MP3s/Portable Media Players (PMP)
•
Clocks/ Watches
•
Remote Controls
•
Cordless Phones
•
GPS Devices
•
PDAs
_________________________________________________________________________________________________
Typical Application
ENA
VDD
RSW
REL
ENB
1.78M
220µH
MIC4833
332k
GND
SLEW
VIN
Li Ion
3V to 4.2V
0.01µF
ELA
ELB
COM
CS
SW
50k
2.2nF
250V
10µF
VIN
Li Ion
3V to 4.2V
High
Low
High
Low
High
Low
EL Lamp A
EL Lamp B
October 2008
M9999-100308
(408) 955-1690
Low Noise Dual EL Driver


Similar Part No. - MIC4833

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4830 MICREL-MIC4830 Datasheet
910Kb / 12P
Low Noise 180Vp-p EL Driver
MIC4830 MICREL-MIC4830 Datasheet
609Kb / 12P
Low Noise 180VPP EL Driver
MIC4830YML MICREL-MIC4830YML Datasheet
910Kb / 12P
Low Noise 180Vp-p EL Driver
MIC4830YML MICREL-MIC4830YML Datasheet
609Kb / 12P
Low Noise 180VPP EL Driver
MIC4830YMM MICREL-MIC4830YMM Datasheet
910Kb / 12P
Low Noise 180Vp-p EL Driver
More results

Similar Description - MIC4833

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6557 PANASONIC-AN6557 Datasheet
33Kb / 3P
Dual Low Noise, High Slew Rate Operational Amplifiers
logo
Supertex, Inc
HV832 SUTEX-HV832 Datasheet
48Kb / 6P
Dual High Voltage, Low Noise EL Lamp Driver
logo
Texas Instruments
UA9636AC TI-UA9636AC Datasheet
242Kb / 11P
DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
logo
Rohm
BA15218 ROHM-BA15218 Datasheet
60Kb / 5P
Dual high slew rate, low noise operational amplifier
BA15532 ROHM-BA15532 Datasheet
56Kb / 4P
Dual high slew rate, low noise operational amplifier
logo
Micrel Semiconductor
MIC4834 MICREL-MIC4834 Datasheet
799Kb / 12P
Low Noise Dual 220 VPP EL Driver
logo
Texas Instruments
UA9636A TI1-UA9636A Datasheet
454Kb / 14P
DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
logo
Gennum Corporation
GS2989 GENNUM-GS2989 Datasheet
746Kb / 19P
Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
logo
Semtech Corporation
GS2989 SEMTECH-GS2989 Datasheet
664Kb / 20P
Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
logo
Microchip Technology
MIC4826 MICROCHIP-MIC4826 Datasheet
2Mb / 22P
Low Input Voltage, 160 VPP Output Voltage, EL Driver
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com