Electronic Components Datasheet Search
  English  ▼

X  

MIC9409X Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC9409X
Description  High Side Load Switches for Consumer Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC9409X Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC9409X Datasheet HTML 1Page - Micrel Semiconductor MIC9409X Datasheet HTML 2Page - Micrel Semiconductor MIC9409X Datasheet HTML 3Page - Micrel Semiconductor MIC9409X Datasheet HTML 4Page - Micrel Semiconductor MIC9409X Datasheet HTML 5Page - Micrel Semiconductor MIC9409X Datasheet HTML 6Page - Micrel Semiconductor MIC9409X Datasheet HTML 7Page - Micrel Semiconductor MIC9409X Datasheet HTML 8Page - Micrel Semiconductor MIC9409X Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Micrel, Inc.
MIC94090/1/2/3/4/5
March 2009
3
M9999-033109-A
Absolute Maximum Ratings
(1)
Input Voltage (VIN) ...................................................... +6V
Enable Voltage (VEN) ................................................. +6V
Continuous Drain Current (ID)
(3)
TA = 25°C (MLF
®).............................................. ±1.2A
TA = 25°C (SC-70) ............................................ ±1.2A
Pulsed Drain Current (IDP)
(4) .................................... ±6.0A
Continuous Diode Current (IS)
(5)............................ –50mA
Storage Temperature (Ts) ..................... –55°C to +150°C
ESD Rating – HBM
(6)...................................................3kV
Operating Ratings
(2)
Input Voltage (VIN)....................................... +1.7 to +5.5V
Junction Temperature (TJ) .....................–40°C to +125°C
Package Thermal Resistance
Thin MLF
® (
θ
JC)
(3) ............................................60°C/W
Thin MLF
® (
θ
JA)
(3)..........................................140°C/W
SC-70-6 (
θ
JC) ................................................100°C/W
SC-70-6 (
θ
JA) ................................................240°C/W
Electrical Characteristics
TA = 25°C, bold values indicate –40°C< TA < +85°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VEN_TH
Enable Threshold Voltage
VIN = 1.7V to 4.5V, ID = –250μA
0.4
1.25
V
VIN = VEN = 5.5V, ID = OPEN
Measured on VIN MIC94090/1
0.1
1
µA
IQ
Quiescent Current Measured on
the VIN Pin
VIN = VEN = 5.5V, ID = OPEN
Measured on VIN MIC94092/3/4/5
8
15
µA
IEN
Enable Input Current
VIN = VEN = 5.5V, ID = OPEN
2.5
4
µA
ISD
Shutdown Current
VIN = +5.5V, VEN = 0V, ID = OPEN
Measured on the VIN pin
(7)
0.01
1
µA
ISHUT-SWITCH
OFF State Leakage Current
VIN = +5.5V, VEN = 0V, ID = SHORT
Measured on VOUT
(7)
0.01
1
µA
VIN = +5.0V, ID = –100mA, VEN = 1.5V
130
225
m
Ω
VIN = +4.5V, ID = –100mA, VEN = 1.5V
135
235
m
Ω
VIN = +3.6V, ID = –100mA, VEN = 1.5V
140
255
m
Ω
VIN = +2.5V, ID = –100mA, VEN = 1.5V
170
315
m
Ω
VIN = +1.8V, ID = –100mA, VEN = 1.5V
235
355
m
Ω
RDS(ON)
P-Channel Drain to Source ON
Resistance
VIN = +1.7V, ID = –100mA, VEN = 1.5V
260
375
m
Ω
RSHUTDOWN
Turn-Off Resistance
VIN = +3.6V, ITEST = 1mA, VEN = 0V
MIC94091/3/5
250
400
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com