Electronic Components Datasheet Search
  English  ▼

X  

MIC94093 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC94093
Description  High Side Load Switches for Consumer Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94093 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC94093 Datasheet HTML 1Page - Micrel Semiconductor MIC94093 Datasheet HTML 2Page - Micrel Semiconductor MIC94093 Datasheet HTML 3Page - Micrel Semiconductor MIC94093 Datasheet HTML 4Page - Micrel Semiconductor MIC94093 Datasheet HTML 5Page - Micrel Semiconductor MIC94093 Datasheet HTML 6Page - Micrel Semiconductor MIC94093 Datasheet HTML 7Page - Micrel Semiconductor MIC94093 Datasheet HTML 8Page - Micrel Semiconductor MIC94093 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Micrel, Inc.
MIC94090/1/2/3/4/5
March 2009
2
M9999-033109-A
Ordering Information
Part Number
Pb-Free
Part Marking
Pb-Free
(1)
Fast
Turn On
Soft-
Start
Load
Discharge
Package
(2) (3)
MIC94090YMT
D1
●
4-Pin 1.2mm x 1.2mm Thin MLF
®
MIC94091YMT
D2
●
●
4-Pin 1.2mm x 1.2mm Thin MLF
®
MIC94092YMT
D5
790µs
4-Pin 1.2mm x 1.2mm Thin MLF
®
MIC94093YMT
D7
790µs
●
4-Pin 1.2mm x 1.2mm Thin MLF
®
MIC94094YMT
0D
120µs
4-Pin 1.2mm x 1.2mm Thin MLF
®
MIC94095YMT
1D
120µs
●
4-Pin 1.2mm x 1.2mm Thin MLF
®
MIC94090YC6
D1D
●
SC-70-6
MIC94091YC6
D2D
●
●
SC-70-6
MIC94092YC6
D5D
790µs
SC-70-6
MIC94093YC6
D7D
790µs
●
SC-70-6
MIC94094YC6
0DD
120µs
SC-70-6
MIC94095YC6
1DD
120µs
●
SC-70-6
Notes:
1. Under bar symbol ( _ ) may not be to scale.
2. Thin MLF
® ▲ = Pin 1 identifier.
3. Thin MLF
® is a GREEN RoHS-compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
Pin Configuration
VOUT
EN
VIN
GND
1
23
4
PIN 1 TRIANGLE
BY MARKING
4-Pin (1.2mm x 1.2mm) Thin MLF
® (MT)
Top View
6-Pin SC-70-6 (C6)
Top View
Pin Description
Pin Number
TMLF-4
SC-70-6
Pin Name
Pin Function
1
1
VOUT
Drain of P-Channel MOSFET.
4
2, 5
GND
Ground: Connect to electrical ground.
3
4
VIN
Source of P-Channel MOSFET.
2
6
EN
Enable (Input): Active-high CMOS-compatible control input for switch. Internal 2M
Ω
pull down resistor to GND, output will be off if this pin is left floating.
--
3
NC
No Internal Connection. A signal or voltage applied to this pin will have no effect on
device operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com