Electronic Components Datasheet Search
  English  ▼

X  

MIC94030 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC94030
Description  TinyFET P-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94030 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC94030 Datasheet HTML 1Page - Micrel Semiconductor MIC94030 Datasheet HTML 2Page - Micrel Semiconductor MIC94030 Datasheet HTML 3Page - Micrel Semiconductor MIC94030 Datasheet HTML 4Page - Micrel Semiconductor MIC94030 Datasheet HTML 5Page - Micrel Semiconductor MIC94030 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Micrel, Inc.
MIC94030/MIC94031
July 2006
3
M9999-071106
Absolute Maximum Ratings
(1)
Voltage and current values are negative. Signs not shown for clarity.
Drain-to-Source Voltage (pulse).....................................16V
Gate-to-Source Voltage (pulse). ....................................16V
Continuous Drain Current
TA = 25°C...................................................................1A
TA = 100°C..............................................................0.5A
Operating Junction Temperature ..............–55°C to +150°C
Storage Temperature ................................–55°C to +150°C
Total Power Dissipation
TA = 25°C...........................................................568mW
TA = 100°C.........................................................227mW
Thermal Resistance
θJA....................................................................220°C/W
θJC....................................................................130°C/W
Lead Temperature
1/16” from case, 10s.......................................... +300°C
Electrical Characteristics
Voltage and current values are negative. Signs not shown for clarity.
Symbol
Parameter
Condition (Note 1)
Min
Typ
Max
Units
VBDSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
13.5
V
VGS
Gate Threshold Voltage
VDS = VGS, ID = 250µA
0.6
1.0
1.4
V
IGSS
Gate-Body Leakage
VDS = 0V, VGS = 12V, Note 2, Note 3
1
µA
RGS
Gate-Source Resistor
VDS = 0V, VGS = 12V, Note 2, Note 4
500
750
1000
kΩ
CISS
Input Capacitance
VGS = 0V, VDS = 12V
100
pF
IDSS
Zero Gate Voltage Drain Current
VDS = 12V, VGS = 0V
25
µA
VDS = 12V, VGS = 0V, TJ = 125°C
0.010
250
µA
ID(ON)
On-State Drain Current
VDS = 10V, VGS = 10V, Note 5
6.3
A
RDS(ON)
Drain-Source On-State Resist
VGS = 10V, ID = 100mA
VGS = 4.5V, ID = 100mA
VGS = 2.7V, ID = 100mA
0.45
0.75
1.20
1.00
Ω
Ω
Ω
gFS
Forward Transconductance
VDS = 10V, ID = 200mA, Note 5
480
mS
Notes:
1. TA = 25°C unless noted. Substrate connected to source for all conditions.
2. ESD gate protection diode conducts during positive gate-to-source voltage excursions.
3. MIC94030 only.
4. MIC94031 only.
5. Pulse Test: Pulse Width ≤ 80µsec, Duty Cycle ≤ 0.5%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com