Electronic Components Datasheet Search
  English  ▼

X  

2SD1898T100Q Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 2SD1898T100Q
Description  Sample Program (Remote Control Transmission/Reception)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1898T100Q Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SD1898T100Q Datasheet HTML 1Page - Renesas Technology Corp 2SD1898T100Q Datasheet HTML 2Page - Renesas Technology Corp 2SD1898T100Q Datasheet HTML 3Page - Renesas Technology Corp 2SD1898T100Q Datasheet HTML 4Page - Renesas Technology Corp 2SD1898T100Q Datasheet HTML 5Page - Renesas Technology Corp 2SD1898T100Q Datasheet HTML 6Page - Renesas Technology Corp 2SD1898T100Q Datasheet HTML 7Page - Renesas Technology Corp 2SD1898T100Q Datasheet HTML 8Page - Renesas Technology Corp 2SD1898T100Q Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
REJ05B0814-0110 Rev.1.10
2007.12
Page 1 of 18
Application Notes
M16C/26A Group
Sample Program (Remote Control Transmission/Reception)
1.
Summary
This sample program performs remote control transmission/reception by using the Renesas Starter Kit for M16C/26A
(R0K33026AS000BE).
2.
Introduction
The example described in this document applies to the microcomputers listed below:
Microcomputers: M16C26A
This sample program runs on the Renesas Starter Kit for M16C/26A (R0K33026AS000BE).
Prepare an extension board available for the Renesas Starter Kit or create a circuit similar to the one shown in the circuit diagram on page
15 and then connect it to the Starter Kit.
This program uses RSK_LIB. For details about RSK_LIB, see the RSK_LIB reference manual. (RSK_LIB is the library software provided
for use with the Renesas Starter Kit for M16C/26A.)
The extension board used here is a product
from PI System Co., Ltd.
Receiver
Received data
Transmitter
Transmitted data


Similar Part No. - 2SD1898T100Q

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1898T100R ROHM-2SD1898T100R Datasheet
112Kb / 4P
Power Transistor (80V, 1A)
More results

Similar Description - 2SD1898T100Q

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6121 NEC-UPD6121 Datasheet
170Kb / 28P
REMOTE CONTROL TRANSMISSION CMOS IC
logo
Toshiba Semiconductor
TC9243P TOSHIBA-TC9243P Datasheet
344Kb / 9P
INFRARED REMOTE CONTROL SIGNAL TRANSMISSION LSI
15-May-1998
logo
Sony Corporation
CXA1511L SONY-CXA1511L Datasheet
136Kb / 7P
Preamplifier for Remote Control Signal Reception
logo
Toshiba Semiconductor
TC9243APG TOSHIBA-TC9243APG Datasheet
287Kb / 10P
Infrared Remote-Control Signal Transmission LSI
logo
Renesas Technology Corp
M16C26A-C RENESAS-M16C26A-C Datasheet
516Kb / 17P
Sample Program (Calendar)
M16C26A-LM RENESAS-M16C26A-LM Datasheet
568Kb / 16P
Sample Program (Lux Meter)
M16C26A-M RENESAS-M16C26A-M Datasheet
519Kb / 17P
Sample Program (Message)
M16C26A-MS RENESAS-M16C26A-MS Datasheet
514Kb / 17P
Sample Program (Musical Scale)
M16C26A-V RENESAS-M16C26A-V Datasheet
510Kb / 15P
Sample Program (Voltmeter)
R8C-MS RENESAS-R8C-MS Datasheet
123Kb / 22P
Sample Program: Musical Scales
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com