Electronic Components Datasheet Search
  English  ▼

X  

MIC94064 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC94064
Description  High Side Power Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94064 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC94064 Datasheet HTML 1Page - Micrel Semiconductor MIC94064 Datasheet HTML 2Page - Micrel Semiconductor MIC94064 Datasheet HTML 3Page - Micrel Semiconductor MIC94064 Datasheet HTML 4Page - Micrel Semiconductor MIC94064 Datasheet HTML 5Page - Micrel Semiconductor MIC94064 Datasheet HTML 6Page - Micrel Semiconductor MIC94064 Datasheet HTML 7Page - Micrel Semiconductor MIC94064 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Micrel, Inc.
MIC94064/5
Absolute Maximum Ratings
(1)
Input Voltage (VIN)................................................+6V
Enable Voltage (VEN) ...........................................+6V
Continuous Drain Current (ID)
(3)
TA = 25°C.......................................................±2A
TA = 85°C....................................................±1.4A
Pulsed Drain Current (IDP)
(4) ................................±6A
Continuous Diode Current (IS)
(4) .....................–50mA
Storage Temperature (Ts) ...............–55°C to +150°C
EDS Rating – HBM
(6) .......................................... 4KV
Operating Ratings
(2)
Input Voltage (VIN).................................+1.7 to +5.5V
Junction Temperature (TA).............. –40°C to +125°C
Package Thermal Resistance
SC-70-6 (θJA)......................................... 240°C/W
1.2x1.6 MLF
® (θ
JA) ................................ 172°C/W
1.2x1.6 MLF
® (θ
JC)
(3) ........................... 134°C/W
Electrical Characteristics
VIN = 5V; TA = 25°C, bold values indicate –40°C< TA < +85°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIN = 1.8V to 4.5V, ID = –250µA
0.5
1.2
V
VEN_TH
Enable Threshold Voltage
VIN = 1.7V to 4.5V, ID = –250µA
0.4
1.2
V
IEN
Enable Input Current
VIN = VEN = 5.5V
2
4
µA
IVIN
OFF State Leakage Current
VIN = +5.5V, VEN = 0V
1
µA
VIN = +4.5V, ID = –100mA, VEN = 1.5V
77
110
mΩ
VIN = +3.6V, ID = –100mA, VEN = 1.5V
85
115
mΩ
VIN = +2.5V, ID = –100mA, VEN = 1.5V
100
140
mΩ
VIN = +1.8V, ID = –100mA, VEN = 1.5V
145
200
mΩ
RDS(ON)
P-Channel Drain to Source
ON Resistance
SC-70 Package
VIN = +1.7V, ID = –100mA, VEN = 1.5V
155
215
mΩ
VIN = +4.5V, ID = –100mA, VEN = 1.5V
85
115
mΩ
VIN = +3.6V, ID = –100mA, VEN = 1.5V
100
140
mΩ
VIN = +2.5V, ID = –100mA, VEN = 1.5V
145
200
mΩ
VIN = +1.8V, ID = –100mA, VEN = 1.5V
155
215
mΩ
RDS(ON)
P-Channel Drain to Source
ON Resistance
MLF Package
VIN = +1.7V, ID = –100mA, VEN = 1.5V
165
225
mΩ
RSHUTDOWN
Turn-Off Resistance
VIN = +3.6V, ITEST = 1mA, VEN = 0V
MIC94065
200
300
Ω
Dynamic
Symbol
Parameter
Condition
Min
Typ
Max
Units
tON_DLY
Turn-On Delay Time
VIN = +3.6V, ID = –100mA, VEN = 1.5V
80
125
170
µs
tON_RISE
Turn-On Rise Time
VIN = +3.6V, ID = –100mA, VEN = 1.5V
75
115
150
µs
tOFF_DLY
Turn-Off Delay Time
VIN = +3.6V, ID = –100mA, VEN = 1.5V
100
200
ns
tOFF_FALL
Turn-Off Fall Time
VIN = +3.6V, ID = –100mA, VEN = 1.5V
25
100
ns
Notes
:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
With backside thermal contact to PCB.
4.
Pulse width <300µs with < 2% duty cycle.
5.
Continuous body diode current conduction (reverse conduction, i.e. VOUT to VIN) is not recommended.
6.
Devices are ESD sensitive. Handling precautions recommended. HBM (Human body model), 1.5k in series with 100pF.
January 2008
3
M9999-011608



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com