Electronic Components Datasheet Search
  English  ▼

X  

MM5451 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MM5451
Description  LED Display Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MM5451 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MM5451 Datasheet HTML 1Page - Micrel Semiconductor MM5451 Datasheet HTML 2Page - Micrel Semiconductor MM5451 Datasheet HTML 3Page - Micrel Semiconductor MM5451 Datasheet HTML 4Page - Micrel Semiconductor MM5451 Datasheet HTML 5Page - Micrel Semiconductor MM5451 Datasheet HTML 6Page - Micrel Semiconductor MM5451 Datasheet HTML 7Page - Micrel Semiconductor MM5451 Datasheet HTML 8Page - Micrel Semiconductor MM5451 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Micrel, Inc.
MM5450/5451
February 2006
3
M9999-021606
(408) 955-1690
Connection Diagram: Plastic Leaded Chip Carrier
1
2
39
3
38
4
37
5
36
7
35
8
34
9
33
10
32
11
31
12
30
13
29
14
15
16
17
MM5451BV/YV
OUTPUT BIT 13
OUTPUT BIT 12
OUTPUT BIT 11
OUTPUT BIT 10
OUTPUT BIT 9
OUTPUT BIT 8
OUTPUT BIT 7
OUTPUT BIT 6
OUTPUT BIT 5
OUTPUT BIT 4
OUTPUT BIT 23
OUTPUT BIT 24
OUTPUT BIT 25
OUTPUT BIT 26
OUTPUT BIT 27
NC
OUTPUT BIT 28
OUTPUT BIT 29
OUTPUT BIT 30
OUTPUT BIT 31
OUTPUT BIT 32
NC
6
44
43
42
41
40
23
22
21
20
19
18
24
25
26
27
28
1
2
39
3
38
4
37
5
36
7
35
8
34
9
33
10
32
11
31
12
30
13
29
14
15
16
17
MM5450BV/YV
OUTPUT BIT 13
OUTPUT BIT 12
OUTPUT BIT 11
OUTPUT BIT 10
OUTPUT BIT 9
OUTPUT BIT 8
OUTPUT BIT 7
OUTPUT BIT 6
OUTPUT BIT 5
OUTPUT BIT 4
OUTPUT BIT 23
OUTPUT BIT 24
OUTPUT BIT 25
OUTPUT BIT 26
OUTPUT BIT 27
NC
OUTPUT BIT 28
OUTPUT BIT 29
OUTPUT BIT 30
OUTPUT BIT 31
OUTPUT BIT 32
NC
6
44
43
42
41
40
23
22
21
20
19
18
24
25
26
27
28
Figure 4a, 4b.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com