Electronic Components Datasheet Search
  English  ▼

X  

R2A20113 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R2A20113
Description  Critical Conduction Mode PFC IC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20113 Datasheet(HTML) 1 Page - Renesas Technology Corp

  R2A20113 Datasheet HTML 1Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
©2010. Renesas Electronics Corporation, All rights reserved.
Renesas Electronics URL http://www.renesas.com/pfcic
R2A20113
Conventional
Conventional
R2A20113
Critical conduction mode
Continue conduction mode
Previous
R2A20113
Features
Best support for power supplies of 1-phase operating
products that require low noise and downsizing
due to the power factor regulation for flat-screen TV, HDD recorder and AV home electronics.
4. Feedback Loop Detector
Feedback loop absence detect function can stop output
pulse. Therefore Renesas PFC IC prevents the breakings
of bulk capacitor and MOSFET.
FB
PFC out voltage
FB
PFC out voltage
In case of feedback
loop down, bulk
voltage is going up
abnormal voltage.
Then capacitor is
broken.
Detect the feedback loop
disconnection, and stop
the pulse!!
Prevent from the breakings of
Bulk capacitor & Power MOS!!!
cut
Error AMP
VREF
R2
R1
VOUT
VEO
Error AMP
FB
VREF
R2
R1
VOUT
In case of adopting gmAMP adopted, there is no
feedback current flow, and load regulation becomes good.
2. Improvement of Load Reg. Adopting gmAMP
FET current
Drain voltage
In CCM case, switching loss and radiation noise are large.
In CRM case, switching loss and radiation noise are small
due to zero current and zero voltage switching.
Recovery Loss of
Boost diode by ZCS
Basically,
no recovery diode
loss by zero current
switching too.
1. ZCD Line Less
5. Principle Power Loss Reduction
200ms/div
20ms/div
COMP
ILm
Vout
The R2A20113 has “Dynamic” and “Static” OVP.
Dynamic OVP is doing discharge error AMP voltage
before reaching Static OVP voltage. Therefore peak
current is limited. As the result, reduce over voltage
cause “No coil vibration”.
Simple External Circuit
Best for Small Power Supplies
• AC sense line less
• ZCD line less
No open/short detector, No turn-on at inrush
• Feedback loop detection
• High efficiency by Zero current switching
• Low radiation noise
• Small package: SOP8/DIP8
Specification
CS
Getting ZCD signal pulse from the current sense resistor,
therefore ZCD auxiliary winding is unneeded.
OCP comp.
GND
ZCD Vth
OUT
ZCD comp.
Error Amp Block
Dynamic
OVP
OVP
Feedback
input
Dynamic
OVP
R2A20113
Convention IC
(Without the
function)
Vcc Maximum
24V
Tj operation
-40 to 150deg.
Drive peak current
+/-0.9A
3.Dynamic OVP
R2A20113
390V
+
Open/Short Detector
Unneeded!
Unneeded!
Out put Voltage
Input Current
External open short detection circuit is unneeded
Turn-on of MOSFET at inrush timing is prevented
Applications
(2) ZCD line less
COMP
FB
OUT
VCC
RT
VREF
GND
(3) Reduce recovery diode loss
390V
19V
R2A20113
OCP
Renesas Critical Conduction Mode PFC IC
R2A20113
April 2010
R2A2012X
Acoustic noise
is reduced.
Acoustic noise
is reduced.
(1)AC high voltage line less
(1)AC high voltage line less


Similar Part No. - R2A20113

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20113ASP RENESAS-R2A20113ASP Datasheet
113Kb / 13P
Critical Conduction Mode PFC Control IC
R2A20113ASP RENESAS-R2A20113ASP Datasheet
280Kb / 13P
Critical Conduction Mode PFC Control IC
Jan 08, 2016
R2A20113ASPW5 RENESAS-R2A20113ASPW5 Datasheet
280Kb / 13P
Critical Conduction Mode PFC Control IC
Jan 08, 2016
R2A20113ASP RENESAS-R2A20113ASP_16 Datasheet
281Kb / 13P
Critical Conduction Mode PFC Control IC
R2A20113ASP RENESAS-R2A20113ASP_V01 Datasheet
280Kb / 13P
Critical Conduction Mode PFC Control IC
Jan 08, 2016
More results

Similar Description - R2A20113

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20113DD RENESAS-R2A20113DD Datasheet
113Kb / 7P
Critical Conduction Mode PFC Control IC
R2A20113SP RENESAS-R2A20113SP_09 Datasheet
107Kb / 7P
Critical Conduction Mode PFC Control IC
R2A20113ASP RENESAS-R2A20113ASP Datasheet
113Kb / 13P
Critical Conduction Mode PFC Control IC
R2A20133ASP RENESAS-R2A20133ASP Datasheet
122Kb / 14P
Critical Conduction Mode PFC Control IC
R2A20133DSP RENESAS-R2A20133DSP_15 Datasheet
130Kb / 14P
Critical Conduction Mode PFC Control IC
R2A20133ASP RENESAS-R2A20133ASP_15 Datasheet
116Kb / 14P
Critical Conduction Mode PFC Control IC
R2A20113ASP RENESAS-R2A20113ASP_16 Datasheet
281Kb / 13P
Critical Conduction Mode PFC Control IC
logo
Sanken electric
SSC2006SA SANKEN-SSC2006SA Datasheet
556Kb / 23P
Critical Conduction Mode PFC Control IC
SSC2016S SANKEN-SSC2016S Datasheet
673Kb / 22P
Critical Conduction Mode PFC Control IC
logo
Renesas Technology Corp
R2A20113ASP RENESAS-R2A20113ASP_V01 Datasheet
280Kb / 13P
Critical Conduction Mode PFC Control IC
Jan 08, 2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com