Electronic Components Datasheet Search
  English  ▼

X  

MA4M2020 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA4M2020
Description  MNS Microwave Chip Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4M2020 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA4M2020 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4M2020 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4M2020 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4M2020 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
MNS Microwave Chip Capacitors
M/A-COM Products
Rev. V4
MA4M Series
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
Features
• Excellent Repeatability
( Wafer-to-Wafer and Lot-to-Lot)
• Small Size
• Low Loss, High Q
• Available with Round or Square Bond Pads
Description and Applications
The 4M series of MNS (metal-nitride-silicon) chip capacitors
is designed specifically for high reliability and repeatable
performance in microwave circuit applications. These ca-
pacitors are made using a low pressure chemical vapor
deposition (LPCVD) that results in dense, uniform nitride
layers. These devices exhibit higher capacitance per unit
area (resulting in smaller chip size) and improved rugged-
ness over similar MOS, MIS and ceramic capacitors.
Evaporated gold contacts are used to provide an easily
bondable metal pad on the capacitor chip. M/A-Com MNS
capacitors have shown no measurable capacitance change
when subjected to the rated standoff voltage at 150
Degrees C.
The MA4M series of chip capacitors is an excellent choice
for use in hybrid microwave circuits up through Ku-band,
where low loss, high reliability, small size and temperature
stability are prime concerns.
These chip capacitors are suited for applications requiring
DC blocks, coupling capacitors, bypass capacitors, capaci-
tive loads and tuning elements in oscillators, multipliers and
filters.
Case Style
Comparison of M/A-COM MNS Capacitors to Ceramic Chip Capacitors
Characteristics Compared
MNS
Ceramic
Operating Temperature Range
-55 Deg C. to + 200 Deg. C.
-55 Deg C. to + 200 Deg. C.
Temperature Coefficient
180 PPM
1000 PPM
Insertion Loss of a 20 pf Capacitor in a 50 Ohm
Line @ 15 GHz
.1 dB
.2 dB
Chip Size
200 pF, 100V
20 pF, 100V
40 x 40 mils
22 x 22 mils
70 x 70 mils
50 x 50 mils


Similar Part No. - MA4M2020

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4M2020 MACOM-MA4M2020 Datasheet
40Kb / 4P
MNS Microwave Chip Capacitors
logo
M/A-COM Technology Solu...
MA4M2020 MA-COM-MA4M2020 Datasheet
128Kb / 4P
MNS Microwave Chip Capacitors
MA4M2020 MA-COM-MA4M2020 Datasheet
486Kb / 5P
MNS Microwave Chip Capacitors
More results

Similar Description - MA4M2020

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4M MACOM-MA4M Datasheet
40Kb / 4P
MNS Microwave Chip Capacitors
logo
IRC - a TT electronics ...
MWR-MWC01SC-01-50R0-K IRCTT-MWR-MWC01SC-01-50R0-K Datasheet
457Kb / 2P
TaNFilm Microwave Chip Resistor
logo
M/A-COM Technology Solu...
MA4M MA-COM-MA4M Datasheet
128Kb / 4P
MNS Microwave Chip Capacitors
logo
Microsemi Corporation
GC84001 MICROSEMI-GC84001 Datasheet
78Kb / 2P
PASSIVE DEVICES MNS Capacitors
logo
AVX Corporation
ML03511R8PAT2A AVX-ML03511R8PAT2A Datasheet
93Kb / 4P
Low ESR Microwave Capacitors
04023J1R1ABSTR AVX-04023J1R1ABSTR Datasheet
458Kb / 20P
Thin-Film RF/Microwave Capacitors
08052U220JAT2A AVX-08052U220JAT2A Datasheet
156Kb / 6P
RF/Microwave C0G Capacitors
logo
Panasonic Semiconductor
ECD-G0E3R3B PANASONIC-ECD-G0E3R3B Datasheet
233Kb / 6P
High-Q Capacitors (Microwave Chip Capacitors)
logo
M/A-COM Technology Solu...
MA4MXXXX MA-COM-MA4MXXXX Datasheet
486Kb / 5P
MNS Microwave Chip Capacitors
logo
Gamewell-FCI by Honeywe...
E3BB-BAA GAMEWELL-FCI-E3BB-BAA Datasheet
86Kb / 3P
Combined Fire and MNS System
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com