Electronic Components Datasheet Search
  English  ▼

X  

MA4SPS402 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SPS402
Description  SURMOUNTTM PIN Diode RoHS Compliant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SPS402 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MA4SPS402 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SPS402 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SPS402 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SPS402 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SPS402 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SPS402 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4SPS402 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SURMOUNTTM PIN Diode
RoHS Compliant
Rev V6
MA4SPS402
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383 • China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product informa-
tion.
MA-COM Technical Solutions and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product MA-COM Technical
Solutions is considering for development. Performance is based on target specifications,
simulated results, and/or prototype measurements. Commitment to develop is not guaran-
teed.
PRELIMINARY:
Data Sheets contain information regarding a product MA-COM Technical
Solutions has under development. Performance is based on engineering tests. Specifications
are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be
available. Commitment to produce in volume is not guaranteed.
MA4SPS402 Typical RF Performance @ TAMB +25°C
Rs as a Function of Forward Current and Frequency
0
5
10
15
20
0
1 0 0
200
300
400
500
600
700
800
900
1000
Fr eque n c y ( M H z )
500u A
1m A
2m A
10m A
50m A
MA4SPS402 Rs vs I at 100 MHZ and 1,000 MHz
0.1
1.0
10.0
100.0
1000.0
0.01
0.10
1.00
10.00
100.00
I ( mA )
Rs_100 MHz
Rs_1,000 MHz
100 MHz
1 GHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com