Electronic Components Datasheet Search
  English  ▼

X  

MA4SPS42X Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SPS42X
Description  SURMOUNTTM PIN Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SPS42X Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MA4SPS42X Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SPS42X Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SPS42X Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SPS42X Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SPS42X Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SPS42X Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4SPS42X Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
SURMOUNTTM PIN Diodes
MA4SPS421, MA4SPS422
Rev. V7
MA4SPS42X Series
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance @ TA = +25°C
Ct vs Frequency (@ 0, 5 & 40V)
MA4SPS421
0.0E+00
5.0E-14
1.0E-13
1.5E-13
2.0E-13
2.5E-13
3.0E-13
0.0E+00
5.0E+08
1.0E+09
1.5E+09
2.0E+09
Frequency (Hz)
0V
40V
Ct vs Frequency (@ 0, 5 & 40V)
MA4SPS422
0.0E+00
5.0E-14
1.0E-13
1.5E-13
2.0E-13
2.5E-13
3.0E-13
0.0E+00
5.0E+08
1.0E+09
1.5E+09
2.0E+09
Frequency (Hz)
0V
40V
Ls vs Frequency (@ 10mA & 100mA)
MA4SPS421
0.00E+00
5.00E-11
1.00E-10
1.50E-10
2.00E-10
2.50E-10
3.00E-10
0.0E+00
5.0E+08
1.0E+09
1.5E+09
2.0E+09
Frequency (Hz)
100mA
10mA
Ls vs Frequency (@ 10mA & 100mA)
MA4SPS422
0.00E+00
5.00E-11
1.00E-10
1.50E-10
2.00E-10
2.50E-10
3.00E-10
0.0E+00
5.0E+08
1.0E+09
1.5E+09
2.0E+09
Frequency (Hz)
100mA
10mA
0
1
2
3
4
5
6
7
8
0.00E+00 2.00E+08 4.00E+08 6.00E+08 8.00E+08 1.00E+09
10mA
100mA
Frequency (Hz)
Rs vs. Frequency (@10mA & 100mA)
MA4SPS422
Rs vs. Frequency (@10mA&100mA)
MA4SPS421
0
2
4
6
8
10
1.00E+06
2.51E+08
5.01E+08
7.50E+08
1.00E+09
Frequency(Hz)
10mA
100mA
5V
5V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com