Electronic Components Datasheet Search
  English  ▼

X  

MA4SPS552 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SPS552
Description  SURMOUNTTM PIN Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SPS552 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4SPS552 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SPS552 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SPS552 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SPS552 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SPS552 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SPS552 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
SURMOUNTTM PIN Diode
RoHS Compliant
Rev. V1
MA4SPS552
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383 • China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
MA-COM Technical Solutions and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product MA-COM Technical
Solutions is considering for development. Performance is based on target specifications,
simulated results, and/or prototype measurements. Commitment to develop is not guaran-
teed.
PRELIMINARY:
Data Sheets contain information regarding a product MA-COM Technical
Solutions has under development. Performance is based on engineering tests. Specifica-
tions are typical. Mechanical outline has been fixed. Engineering samples and/or test data
may be available. Commitment to produce in volume is not guaranteed.
Symbol
Parameter
Conditions
Units
Min. Value
Typ. Value
Max. Value
CT
Total Capacitance
-40V, 1MHz
pF
0.08
0.14
CT
Total Capacitance
-40V, 1GHz
pF
0.06
RS
Series Resistance 100mA, 100MHz
Ω
1.7
RS
Series Resistance 20mA, 100MHz
Ω
2.4
VF
Forward Voltage
100mA
V
1.00
1.25
VF
Forward Voltage
10mA
V
0.88
1.00
VR
Reverse Voltage
-10 µA
V
| - 200 |
| -275 |
IR
Reverse Leakage
Current
-40 V
nA
| - 10 |
RqJL
Thermal Resis-
tance
Steady State
°C/W
30
TL
Minority Carrier
Lifetime
( 50 % - 90 % V )
+10mA / -6mA
µs
2.5
Electrical Specifications at +25°C
Capacitance vs Frequency
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
Frequency ( GHz )
0V
-5V
-40V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com